Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2982 Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP2982
Description  Micropower 50 mA Ultra Low-Dropout Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP2982 Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LP2982 Datasheet HTML 9Page - National Semiconductor (TI) LP2982 Datasheet HTML 10Page - National Semiconductor (TI) LP2982 Datasheet HTML 11Page - National Semiconductor (TI) LP2982 Datasheet HTML 12Page - National Semiconductor (TI) LP2982 Datasheet HTML 13Page - National Semiconductor (TI) LP2982 Datasheet HTML 14Page - National Semiconductor (TI) LP2982 Datasheet HTML 15Page - National Semiconductor (TI) LP2982 Datasheet HTML 16Page - National Semiconductor (TI) LP2982 Datasheet HTML 17Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
Application Hints (Continued)
REVERSE CURRENT PATH
The power transistor used in the LP2982 has an inherent di-
ode connected between the regulator input and output (see
below).
If the output is forced above the input by more than a V
BE,
this diode will become forward biased and current will flow
from the V
OUT terminal to VIN. This current must be limited to
< 100 mA to prevent damage to the part.
The internal diode can also be turned on by abruptly step-
ping the input voltage to a value below the output voltage.
To prevent regulator misoperation, a Schottky diode should
be used in any application where input/output voltage condi-
tions can cause the internal diode to be turned on (see be-
low).
As shown, the Schottky diode is connected in parallel with
the internal parasitic diode and prevents it from being turned
on by limiting the voltage drop across it to about 0.3V.
ON/OFF INPUT OPERATION
The LP2982 is shut off by pulling the ON/OFF input low, and
turned on by driving the input high. If this feature is not to be
used, the ON/OFF input should be tied to V
IN to keep the
regulator on at all times (the ON/OFF input must not be left
floating).
To ensure proper operation, the signal source used to drive
the ON/OFF input must be able to swing above and below
the specified turn-on/turn-off voltage thresholds which guar-
antee an ON or OFF state (see Electrical Characteristics).
The ON/OFF signal may come from either a totem-pole out-
put, or an open-collector output with pull-up resistor to the
LP2982 input voltage or another logic supply. The high-level
voltage may exceed the LP2982 input voltage, but must re-
main within the Absolute Maximum Ratings for the ON/OFF
pin.
It is also important that the turn-on/turn-off voltage signals
applied to the ON/OFF input have a slew rate which is
greater than 40 mV/µs.
Important: the regulator shutdown function will operate incor-
rectly if a slow-moving signal is applied to the ON/OFF input.
Micro SMD Mounting
The micro SMD package requires specific mounting tech-
niques which are detailed in National Semiconductor Appli-
cation Note # 1112. Referring to the section
Surface Mount
Technology (SMT) Assembly Considerations, it should be
noted that the pad style which must be used with the 5-pin
package is the NSMD (non-solder mask defined) type.
For best results during assembly, alignment ordinals on the
PC board may be used to facilitate placement of the micro
SMD device.
Micro SMD Light Sensitivity
Exposing the micro SMD device to direct sunlight will cause
misoperation of the device. Light sources such as Halogen
lamps can also affect electrical performance if brought near
to the device.
The wavelenghts which have the most detrimental effect are
reds and infra-reds, which means that the fluorescent light-
ing used inside most buildings has very little effect on perfor-
mance. A micro SMD test board was brought to within 1 cm
of a fluorescent desk lamp and the effect on the regulated
output voltage was negligible, showing a deviation of less
than 0.1% from nominal.
DS012679-39
DS012679-40
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com