Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SB1545L Datasheet (PDF) - Zibo Seno Electronic Engineering Co.,Ltd

Part # SB1545L
Description  15.0A SUPER BARRIER RECTIFIER
File Size   333.89 Kbytes
Html View  1   2   3 
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

SB1545L Datasheet (PDF) - Zibo Seno Electronic Engineering Co.,Ltd



Similar Part No. - SB1545L

ManufacturerPart #DatasheetDescription
logo
Microdiode Semiconducto...
SB1545L CHENDA-SB1545L Datasheet
2Mb / 2P
15.0A SCHOTTKY BARRIER RECTIFIER
SB1545L CHENDA-SB1545L Datasheet
753Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev:2019A0
logo
Zibo Seno Electronic En...
SB1545L ZSELEC-SB1545L Datasheet
189Kb / 2P
15.0 A SUPER BARRIER RECTIFIER
SB1545L ZSELEC-SB1545L_V01 Datasheet
189Kb / 2P
15.0 A SUPER BARRIER RECTIFIER
More results


Similar Description - SB1545L

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DBA150 SANYO-DBA150 Datasheet
41Kb / 2P
15.0A Single-Phase Bridge Rectifier
logo
Gulf Semiconductor
SB1545CT GULFSEMI-SB1545CT Datasheet
122Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 45V CURRENT: 15.0A
SB15100F GULFSEMI-SB15100F Datasheet
122Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 100V CURRENT: 15.0A
logo
Sanyo Semicon Device
DBA150 SANYO-DBA150_00 Datasheet
22Kb / 2P
15.0A Single-Phase Bridge Rectifier
logo
Microdiode Semiconducto...
SL1545 CHENDA-SL1545 Datasheet
2Mb / 2P
15.0A SCHOTTKY BARRIER RECTIFIER
SB1545L CHENDA-SB1545L Datasheet
2Mb / 2P
15.0A SCHOTTKY BARRIER RECTIFIER
logo
PACELEADER INDUSTRIAL
MBR1545PS PACELEADER-MBR1545PS Datasheet
390Kb / 1P
15.0A SCHOTTKY BARRIER RECTIFIERS 45V
logo
Zibo Seno Electronic En...
15U45S ZSELEC-15U45S Datasheet
190Kb / 2P
15.0A SUPER BARRIER RECTIFIER
MBR1540 ZSELEC-MBR1540 Datasheet
185Kb / 2P
15.0A SCHOTTKY BARRIER DIODE
MBR1540G ZSELEC-MBR1540G Datasheet
147Kb / 2P
15.0A SCHOTTKY BARRIER DIODE
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com