Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DR22 Datasheet (PDF) - Crydom Inc.,

Part # DR22
Description  Output ratings up to 30 Amps at 200 VDC
File Size   685.32 Kbytes
Html View  1   2   3   4   5   6 
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

DR22 Datasheet (PDF) - Crydom Inc.,



Similar Part No. - DR22

ManufacturerPart #DatasheetDescription
logo
Sensata Technologies, I...
DR22 SENSATA-DR22 Datasheet
332Kb / 6P
DIN RAIL MOUNT SOLID STATE RELAYS
DR22 SENSATA-DR22 Datasheet
305Kb / 6P
DIN RAIL MOUNT SOLID STATE RELAYS
Rev. 03/01/2023
DR22 SENSATA-DR22 Datasheet
560Kb / 8P
DIN RAIL MOUNT SOLID STATE RELAYS
Rev. 10/16/19
DR22 SENSATA-DR22 Datasheet
305Kb / 6P
DR22 SERIES | AC OUTPUT LOW-PROFILE
Rev. 03/01/2023
logo
Crydom Inc.,
DR22 CRYDOM-DR22 Datasheet
695Kb / 7P
DIN Rail Mount
More results


Similar Description - DR22

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PP506 ETC-PP506 Datasheet
11Kb / 1P
Power Supply - 13.6 Vdc at 1.6 Amps
logo
ON Semiconductor
NTP30N20 ONSEMI-NTP30N20 Datasheet
88Kb / 8P
Power MOSFET 30 Amps, 200 Volts
December, 2003 ??Rev. 4
logo
Crydom Inc.,
DRD24D06 CRYDOM-DRD24D06 Datasheet
811Kb / 6P
Dual Output with Ratings of 6 Amps each channel
logo
ON Semiconductor
NTB30N20T4G ONSEMI-NTB30N20T4G Datasheet
73Kb / 8P
Power MOSFET 30 Amps, 200 Volts
August, 2005 ??Rev. 4
logo
List of Unclassifed Man...
GNR30DCZ ETC2-GNR30DCZ Datasheet
618Kb / 6P
Current ratings 10, 20 and 30 amps
logo
Nell Semiconductor Co.,...
D2140D NELLSEMI-D2140D Datasheet
225Kb / 5P
High voltage ratings up to 3600V
logo
XP Power Limited
DSF226 XPPOWER-DSF226 Datasheet
90Kb / 2P
Up to 200 W Output Power
logo
API Technologies Corp
54-848-005 APITECH-54-848-005 Datasheet
252Kb / 2P
Current ratings up to 100 Amps
logo
Crydom Inc.,
GNR10DHZ CRYDOM-GNR10DHZ Datasheet
1Mb / 6P
Current ratings of 10, 20 and 30 amps
logo
Marathon Special Produc...
6L2000A1B MARATHON-6L2000A1B Datasheet
297Kb / 3P
200 to 2000 Amps
10/05/23
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com