Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OX540 Datasheet (PDF) - Advanced Crystal Technology

Part # OX540
Description  Ultra low phase noise OCXO, Sine wave, 25.8 x 25.8 x12.7mm
File Size   256.03 Kbytes
Html View  1   2   3 
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

OX540 Datasheet (PDF) - Advanced Crystal Technology



Similar Part No. - OX540

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
OX510 ACT-OX510 Datasheet
248Kb / 3P
OCXO, Sine wave, HCMOS, 25.8 x 25.8 x 12.7mm
01/06/2017
logo
Yuechung International ...
OX51515 YIC-OX51515 Datasheet
335Kb / 1P
(V) OX Series : (Voltage-Controlled) Oven Controlled Crystal Oscillators
logo
Advanced Crystal Techno...
OX560 ACT-OX560 Datasheet
265Kb / 3P
OCXO, Sine wave, HCMOS, LVTTL, 25.4 x 25.4 x 13.0mm
01/06/2017
logo
Ohmite Mfg. Co.
OX563KE-DEL OHMITE-OX563KE-DEL Datasheet
532Kb / 2P
OX/OY Series
logo
Advanced Crystal Techno...
OX565 ACT-OX565 Datasheet
231Kb / 3P
OCXO, Sine wave, HCMOS, LVTTL, 25.4 x 25.4 x 13.0mm
01/06/2017
More results


Similar Description - OX540

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXIOM75 AXTAL-AXIOM75 Datasheet
65Kb / 2P
OCXO with Sine Wave Output, Low Phase Noise
2007-05-14
logo
QUARTZCOM the communica...
OCO-M50BS12-05 QUARTZCOM-OCO-M50BS12-05 Datasheet
570Kb / 4P
Low Noise OCXO Sine wave
logo
Advanced XTAL Products
AXIOM175ULN AXTAL-AXIOM175ULN Datasheet
121Kb / 4P
Ultra-Low Phase Noise OCXO with Sine Wave Output
logo
Advanced Crystal Techno...
OX510 ACT-OX510 Datasheet
248Kb / 3P
OCXO, Sine wave, HCMOS, 25.8 x 25.8 x 12.7mm
01/06/2017
OX570 ACT-OX570 Datasheet
370Kb / 3P
Low G?릗ensitivity, Sine wave, 25.8 x 25.8 x 12.7mm, Through hole device
01/06/2017
OX740 ACT-OX740 Datasheet
219Kb / 3P
Ultra low phase noise OCXO, Sine wave, 50.0 x 50.0 x 21.0mm
01/06/2017
logo
Advanced XTAL Products
AXIOM15ULN AXTAL-AXIOM15ULN Datasheet
120Kb / 4P
Ultra Low Phase Noise Miniature OCXO with Sine Wave Output
2016-10-31
AXIOM35ULN AXTAL-AXIOM35ULN Datasheet
121Kb / 4P
Ultra Low Phase Noise Miniature OCXO with Sine Wave Output
2014-05-08
AXIOM75ULN AXTAL-AXIOM75ULN Datasheet
115Kb / 4P
Ultra-Low Phase Noise OCXO with Sine Wave Output
logo
Transko Electronics, In...
OX-A1 TRANSKO-OX-A1 Datasheet
426Kb / 2P
OCXO 25.8 X 25.8 X 16mm SQUARE PACKAGE
Rev. 2: Mar. 2015
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com