Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OX540 Datasheet(PDF) 1 Page - Advanced Crystal Technology

Part # OX540
Description  Ultra low phase noise OCXO, Sine wave, 25.8 x 25.8 x12.7mm
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

OX540 Datasheet(HTML) 1 Page - Advanced Crystal Technology

  OX540 Datasheet HTML 1Page - Advanced Crystal Technology OX540 Datasheet HTML 2Page - Advanced Crystal Technology OX540 Datasheet HTML 3Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
OX540 Series
Output characteristics
  Parameter
Specification
Remarks/Test condition
Frequency range 
80.0MHz ~ 125.0MHz
 Standard: 100MHz, 120MHz
Supply voltage (Vs)
12.0V typical
Min: 11.4V, Max: 12.6V 
Warm‐up current consumption
350mA max
Higher for wide temperature range
 Steady state current consumption
150mA max
Higher for wide temperature range
RF output
Output waveform
Sine wave
Output load
50.0Ω
±5%
Output level
Min: +7dBm
Harmonics
‐30.0dBc max
Spurious
‐90.0dBc max
@ 9 ~ 11MHz
Warm‐up time at +25°C
Max: 5.0min, Typical: 3.0min
∆f final/ fnominal < ±100.0ppb
Phase noise
See table 2
G‐sensitivity
1.0ppb/g
Per axis
Frequency stability (Typical, @ 10.00MHz)
 Initial tolerance
±300.0ppb max
At +25°C, Vc @ Vref/2
 vs Operating temperature range
±5.0ppb ~ ±200.0ppb
Table 1
 vs Supply voltage variation
±10.0ppb max
Vcc ± 5%
 vs Load change
±5.0ppb max
RL ± 5%
Long term aging/day
±1.0ppb typical, ±2.0ppb max
After 30 days operation
Long term aging 1  year
±100.0ppb typical, ±200.0ppb max
After 30 days operation
Frequency adjustment range
Electronic frequency control (EFC)
Min: ±1.0ppm, typical: ±2.0ppm
Reference voltage VREF output
10.0V
Other available on request
EFC voltage Vc
5.0V ± 5.0V
EFC slope
Positive
EFC input impedance
100.0kΩ min
Absolute maximum ratings
Supply voltage Vs
Min: ‐ 0.5V
Max: Vs + 10%
Vs to GND
Control voltage Vc
Min: ‐0.5V
15V
Vc to GND
Oscillator enable voltage OE
Min: ‐0.5V
Vs
Voe to GND
Storage temperature
‐55°C ~ +125°C
Resistance to soldering heat
10 sec
@ 245°C
Ultra low phase noise OCXO, Sine wave, 25.8 x 25.8 x12.7mm 
●  Ultra ‐ low noise OCXO in eurocase size package
●  Excellent frequency vs stability 
●  Unit weight: 30gm max
●  RoHS compliant
ACT (A wholly owned Acal BFi Company)
+44 (0) 118 978 8878|sales@act.co.uk|www.act.co.uk
ISO9001 Registered 
Specifications subject to change without notification
Table 1: Phase noise  (Unit: dBc/Hz)
100.0MHz
120.0MHz
Offset
Option AOption BOption COption DOption EOption AOption BOption COption DOption E
10 Hz
‐90
‐95
‐97
‐100
‐105
‐85
‐90
‐95
‐97
‐100
100 Hz
‐125
‐130
‐132
‐135
‐137
‐118
‐122
‐125
‐127
‐130
1k Hz
‐155
‐158
‐160
‐162
‐164
‐148
‐150
‐153
‐155
‐157
10 kHz
‐165
‐168
‐170
‐172
‐174
‐160
‐165
‐168
‐170
‐172
≥100 kHz
‐175
‐175
‐175
‐175
‐175
‐175
‐175
‐175
‐175
‐175


Similar Part No. - OX540

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
OX510 ACT-OX510 Datasheet
248Kb / 3P
OCXO, Sine wave, HCMOS, 25.8 x 25.8 x 12.7mm
01/06/2017
logo
Yuechung International ...
OX51515 YIC-OX51515 Datasheet
335Kb / 1P
(V) OX Series : (Voltage-Controlled) Oven Controlled Crystal Oscillators
logo
Advanced Crystal Techno...
OX560 ACT-OX560 Datasheet
265Kb / 3P
OCXO, Sine wave, HCMOS, LVTTL, 25.4 x 25.4 x 13.0mm
01/06/2017
logo
Ohmite Mfg. Co.
OX563KE-DEL OHMITE-OX563KE-DEL Datasheet
532Kb / 2P
OX/OY Series
logo
Advanced Crystal Techno...
OX565 ACT-OX565 Datasheet
231Kb / 3P
OCXO, Sine wave, HCMOS, LVTTL, 25.4 x 25.4 x 13.0mm
01/06/2017
More results

Similar Description - OX540

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXIOM75 AXTAL-AXIOM75 Datasheet
65Kb / 2P
OCXO with Sine Wave Output, Low Phase Noise
2007-05-14
logo
QUARTZCOM the communica...
OCO-M50BS12-05 QUARTZCOM-OCO-M50BS12-05 Datasheet
570Kb / 4P
Low Noise OCXO Sine wave
logo
Advanced XTAL Products
AXIOM175ULN AXTAL-AXIOM175ULN Datasheet
121Kb / 4P
Ultra-Low Phase Noise OCXO with Sine Wave Output
logo
Advanced Crystal Techno...
OX510 ACT-OX510 Datasheet
248Kb / 3P
OCXO, Sine wave, HCMOS, 25.8 x 25.8 x 12.7mm
01/06/2017
OX570 ACT-OX570 Datasheet
370Kb / 3P
Low G?릗ensitivity, Sine wave, 25.8 x 25.8 x 12.7mm, Through hole device
01/06/2017
OX740 ACT-OX740 Datasheet
219Kb / 3P
Ultra low phase noise OCXO, Sine wave, 50.0 x 50.0 x 21.0mm
01/06/2017
logo
Advanced XTAL Products
AXIOM15ULN AXTAL-AXIOM15ULN Datasheet
120Kb / 4P
Ultra Low Phase Noise Miniature OCXO with Sine Wave Output
2016-10-31
AXIOM35ULN AXTAL-AXIOM35ULN Datasheet
121Kb / 4P
Ultra Low Phase Noise Miniature OCXO with Sine Wave Output
2014-05-08
AXIOM75ULN AXTAL-AXIOM75ULN Datasheet
115Kb / 4P
Ultra-Low Phase Noise OCXO with Sine Wave Output
logo
Transko Electronics, In...
OX-A1 TRANSKO-OX-A1 Datasheet
426Kb / 2P
OCXO 25.8 X 25.8 X 16mm SQUARE PACKAGE
Rev. 2: Mar. 2015
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com