Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OX570 Datasheet (PDF) - Advanced Crystal Technology

OX570 Datasheet PDF - Advanced Crystal Technology
Part # OX570
Download  OX570 Download
File Size   370.71 Kbytes
Page   3 Pages
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology
Description Low G?릗ensitivity, Sine wave, 25.8 x 25.8 x 12.7mm, Through hole device

OX570 Datasheet (PDF)

Go To PDF Page Download Datasheet
OX570 Datasheet PDF - Advanced Crystal Technology

Part # OX570
Download  OX570 Click to download

File Size   370.71 Kbytes
Page   3 Pages
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology
Description Low G?릗ensitivity, Sine wave, 25.8 x 25.8 x 12.7mm, Through hole device

OX570 Datasheet (HTML) - Advanced Crystal Technology




Similar Part No. - OX570

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
OX510 ACT-OX510 Datasheet
248Kb / 3P
OCXO, Sine wave, HCMOS, 25.8 x 25.8 x 12.7mm
01/06/2017
logo
Yuechung International ...
OX51515 YIC-OX51515 Datasheet
335Kb / 1P
(V) OX Series : (Voltage-Controlled) Oven Controlled Crystal Oscillators
logo
Advanced Crystal Techno...
OX540 ACT-OX540 Datasheet
256Kb / 3P
Ultra low phase noise OCXO, Sine wave, 25.8 x 25.8 x12.7mm
01/06/2017
OX560 ACT-OX560 Datasheet
265Kb / 3P
OCXO, Sine wave, HCMOS, LVTTL, 25.4 x 25.4 x 13.0mm
01/06/2017
logo
Ohmite Mfg. Co.
OX563KE-DEL OHMITE-OX563KE-DEL Datasheet
532Kb / 2P
OX/OY Series
More results


Similar Description - OX570

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SGE2658-1G MICROSEMI-SGE2658-1G Datasheet
174Kb / 2P
4W LMT2110 25.8:1 Transformer
logo
EUROQUARTZ limited
GSR53 EUROQUARTZ-GSR53 Datasheet
94Kb / 1P
5 x 3.2 x 1.2mm SMD Sine Wave VCXO
GSR64 EUROQUARTZ-GSR64 Datasheet
99Kb / 1P
11.4 x 9.6 x 4.7mm SMD Sine Wave VCXO
logo
Advanced Crystal Techno...
OX510 ACT-OX510 Datasheet
248Kb / 3P
OCXO, Sine wave, HCMOS, 25.8 x 25.8 x 12.7mm
01/06/2017
OX540 ACT-OX540 Datasheet
256Kb / 3P
Ultra low phase noise OCXO, Sine wave, 25.8 x 25.8 x12.7mm
01/06/2017
OX1160 ACT-OX1160 Datasheet
286Kb / 3P
OCXO, Sine wave, HCMOS, 14.4 x 9.5 x 6.5mm
01/06/2017
OX1260 ACT-OX1260 Datasheet
238Kb / 3P
OCXO, Sine wave, HCMOS, 20.4 x 12.7 x 10.7mm
01/06/2017
OX1410 ACT-OX1410 Datasheet
266Kb / 3P
OCXO, Sine wave, HCMOS, 25.6 x 22.2 x 14.0mm
01/06/2017
OX1510 ACT-OX1510 Datasheet
243Kb / 3P
OCXO, Sine wave, HCMOS, 27.8 x 27.8 x 15.5mm
01/06/2017
logo
Transko Electronics, In...
OX-A1 TRANSKO-OX-A1 Datasheet
426Kb / 2P
OCXO 25.8 X 25.8 X 16mm SQUARE PACKAGE
Rev. 2: Mar. 2015
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com