Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OX570 Datasheet(PDF) 1 Page - Advanced Crystal Technology

Part # OX570
Description  Low G?릗ensitivity, Sine wave, 25.8 x 25.8 x 12.7mm, Through hole device
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

OX570 Datasheet(HTML) 1 Page - Advanced Crystal Technology

  OX570 Datasheet HTML 1Page - Advanced Crystal Technology OX570 Datasheet HTML 2Page - Advanced Crystal Technology OX570 Datasheet HTML 3Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
OX570 Series
Output characteristics
  Parameter
Specification
Remarks/Test condition
Frequency range 
80.0MHz ~ 125.0MHz
 Standard: 100MHz, 120MHz
Supply voltage (Vs)
12.0V (typical)
Min: 11.4V, Max: 12.6V 
Warm‐up current consumption
350.0mA max
Higher for wide temp. Range
 Steady state current consumption
150.0mA max
At +25°C, higher for wide temp. Range
 Operating temperature range
‐40 ~ +85°C
RF output
Output waveform
Sine wave
Output load
50.0Ω
±5%
Output level
 +7dBm min
Other available on request
Harmonics
‐30.0dBc max
Spurious at rest
‐90.0dBc max
Phase noise 
See table 1Other frequencies please contact us
G‐Sensitivity
See table 2
Measured with flat random vibration profile
(0.01g2/Hz, 20Hz~200Hz)
Warm‐up time at +25°C
5.0 minute max, 3 minute typical
∆f final/ fnominal < ±0.1ppm
Frequency stability
 Initial tolerance
±300.0ppb max
Vc @ Vref/2
 Vs. Operating temperature range
 ±5.0ppb ~  ±200.0ppb
See table 3, Steady state
 Vs Load change
±5.0ppb max
RL ± 5%
 Vs. supply voltage variation
±10.0ppb max
Vs ± 5%
Long term aging/day
 ±2.0ppb max,  ±1.0ppb typical
After 30 days operation
Long term aging 1  year
±200.0ppb max,  ±100.0ppb typical
After 30 days operation
Frequency adjustment range
Electronic frequency control (EFC)
Min: ±1.0ppm, typical: ±2.0ppm
EFC voltage Vc
Vref/2 ± 5.0V
Reference voltage Vref output
10V
Other available on request
EFC slope
Positive
EFC input impedance
100.0kΩ min
Absolute maximum ratings
Supply voltage Vs
Min: ‐ 0.5V
Max: Vs + 10%
Vs to GND
Control voltage Vc
Min: ‐0.5V
15V
Vc to GND
Storage temperature
‐55°C ~ +125°C
 Low G‐sensitivity, Sine wave, 25.8 x 25.8 x 12.7mm, Through hole device
●  Ultra ‐ low phase noise OCXO with Low G‐sensitivity
●  Excellent frequency vs stability 
●  Unit weight: 20gm max
●  RoHS compliant
ACT (A wholly owned Acal BFi Company)
+44 (0) 118 978 8878|sales@act.co.uk|www.act.co.uk
ISO9001 Registered 
Specifications subject to change without notification
Table 3: Frequency stability vs operating temperature range
Temperature (°C)
±5.0ppb
±10.0ppb
±25.0ppb
±50.0ppb
±100.0ppb
±200.0ppb
0°C ~ +50
Enquire
√√√√√
‐10°C ~ +60
Enquire
√√√√√
‐20°C ~ +70
Enquire
√√√√√
‐30°C ~ +70
Enquire
Enquire
√√√√
‐40°C ~ +75
X
Enquire
√√√√
‐40°C ~ +85
X
X
Enquire
√√√
‐55°C ~ +85
X
X
Enquire
√√√


Similar Part No. - OX570

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
OX510 ACT-OX510 Datasheet
248Kb / 3P
OCXO, Sine wave, HCMOS, 25.8 x 25.8 x 12.7mm
01/06/2017
logo
Yuechung International ...
OX51515 YIC-OX51515 Datasheet
335Kb / 1P
(V) OX Series : (Voltage-Controlled) Oven Controlled Crystal Oscillators
logo
Advanced Crystal Techno...
OX540 ACT-OX540 Datasheet
256Kb / 3P
Ultra low phase noise OCXO, Sine wave, 25.8 x 25.8 x12.7mm
01/06/2017
OX560 ACT-OX560 Datasheet
265Kb / 3P
OCXO, Sine wave, HCMOS, LVTTL, 25.4 x 25.4 x 13.0mm
01/06/2017
logo
Ohmite Mfg. Co.
OX563KE-DEL OHMITE-OX563KE-DEL Datasheet
532Kb / 2P
OX/OY Series
More results

Similar Description - OX570

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SGE2658-1G MICROSEMI-SGE2658-1G Datasheet
174Kb / 2P
4W LMT2110 25.8:1 Transformer
logo
EUROQUARTZ limited
GSR53 EUROQUARTZ-GSR53 Datasheet
94Kb / 1P
5 x 3.2 x 1.2mm SMD Sine Wave VCXO
GSR64 EUROQUARTZ-GSR64 Datasheet
99Kb / 1P
11.4 x 9.6 x 4.7mm SMD Sine Wave VCXO
logo
Advanced Crystal Techno...
OX510 ACT-OX510 Datasheet
248Kb / 3P
OCXO, Sine wave, HCMOS, 25.8 x 25.8 x 12.7mm
01/06/2017
OX540 ACT-OX540 Datasheet
256Kb / 3P
Ultra low phase noise OCXO, Sine wave, 25.8 x 25.8 x12.7mm
01/06/2017
OX1160 ACT-OX1160 Datasheet
286Kb / 3P
OCXO, Sine wave, HCMOS, 14.4 x 9.5 x 6.5mm
01/06/2017
OX1260 ACT-OX1260 Datasheet
238Kb / 3P
OCXO, Sine wave, HCMOS, 20.4 x 12.7 x 10.7mm
01/06/2017
OX1410 ACT-OX1410 Datasheet
266Kb / 3P
OCXO, Sine wave, HCMOS, 25.6 x 22.2 x 14.0mm
01/06/2017
OX1510 ACT-OX1510 Datasheet
243Kb / 3P
OCXO, Sine wave, HCMOS, 27.8 x 27.8 x 15.5mm
01/06/2017
logo
Transko Electronics, In...
OX-A1 TRANSKO-OX-A1 Datasheet
426Kb / 2P
OCXO 25.8 X 25.8 X 16mm SQUARE PACKAGE
Rev. 2: Mar. 2015
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com