Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OX570 Datasheet(PDF) 2 Page - Advanced Crystal Technology

Part # OX570
Description  Low G?릗ensitivity, Sine wave, 25.8 x 25.8 x 12.7mm, Through hole device
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

OX570 Datasheet(HTML) 2 Page - Advanced Crystal Technology

  OX570 Datasheet HTML 1Page - Advanced Crystal Technology OX570 Datasheet HTML 2Page - Advanced Crystal Technology OX570 Datasheet HTML 3Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
OX570 Series
 Low G‐sensitivity, Sine wave, 25.8 x 25.8 x 12.7mm, Through hole device
ACT (A wholly owned Acal BFi Company)
+44 (0) 118 978 8878|sales@act.co.uk|www.act.co.uk
ISO9001 Registered 
Specifications subject to change without notification
Phase noise response under random vibration at 100MHz
Note: Double PSD results in 3 dB worse phase noise
ACT part number
ACT will provide a unique part number with full specification based on your requirements, please provide the following details.
ACT series
Frequency (MHz)
Supply voltage
(V)
Output type
Frequency stability 
(ppb)
Operating 
temperature range 
(°C)
G‐Sensitivity
OX570
 
Option A
Option B
Option C
Option D
Option E
Table 1: Phase noise  (Unit: dBc/Hz)
100.0MHz
Offset
DBc/Hz
10 Hz
‐100
100 Hz
‐130
1k Hz
‐160
10 kHz
‐170
≥100 kHz
‐175
Table 2: G sensitivity (Unit: ppb/g)
Option
G‐Sensitivity worst 
axis
A0.8
B0.5
C0.4
D0.3
E0.25



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com