Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HNSD20TGAC Datasheet(PDF) 5 Page - Inolux Corporation

Part # HNSD20TGAC
Description  Inolux Technologies 0.2 Dual Digit Numeric SMD Display HNSD20 Series
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INOLUX [Inolux Corporation]
Direct Link  http://www.inolux-corp.com/index.php
Logo INOLUX - Inolux Corporation

HNSD20TGAC Datasheet(HTML) 5 Page - Inolux Corporation

  HNSD20TGAC Datasheet HTML 1Page - Inolux Corporation HNSD20TGAC Datasheet HTML 2Page - Inolux Corporation HNSD20TGAC Datasheet HTML 3Page - Inolux Corporation HNSD20TGAC Datasheet HTML 4Page - Inolux Corporation HNSD20TGAC Datasheet HTML 5Page - Inolux Corporation HNSD20TGAC Datasheet HTML 6Page - Inolux Corporation HNSD20TGAC Datasheet HTML 7Page - Inolux Corporation HNSD20TGAC Datasheet HTML 8Page - Inolux Corporation HNSD20TGAC Datasheet HTML 9Page - Inolux Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
0.2” Dual Digit
Numeric SMD Display
HNSD20 Series
Official Product
HNSD20 Series
Customer Part No.
Data Sheet No.
****************
****************
HNSD20 Series
Specifications are subject to change without notice. Data
and drawings herein are copyrighted.
May 13, 2013
Version of 1.0
Page
5/18
Features
•
0.2” (5.08mm) Digit Height
•
SMD Type Display
•
Gray Face , White Segment
•
RoHS Compliant, Pb Free
Note: Dimension is in millimeters. Tolerance is ±0.25mm unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com