Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HNSD20TGAC Datasheet(PDF) 1 Page - Inolux Corporation

Part # HNSD20TGAC
Description  Inolux Technologies 0.2 Dual Digit Numeric SMD Display HNSD20 Series
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INOLUX [Inolux Corporation]
Direct Link  http://www.inolux-corp.com/index.php
Logo INOLUX - Inolux Corporation

HNSD20TGAC Datasheet(HTML) 1 Page - Inolux Corporation

  HNSD20TGAC Datasheet HTML 1Page - Inolux Corporation HNSD20TGAC Datasheet HTML 2Page - Inolux Corporation HNSD20TGAC Datasheet HTML 3Page - Inolux Corporation HNSD20TGAC Datasheet HTML 4Page - Inolux Corporation HNSD20TGAC Datasheet HTML 5Page - Inolux Corporation HNSD20TGAC Datasheet HTML 6Page - Inolux Corporation HNSD20TGAC Datasheet HTML 7Page - Inolux Corporation HNSD20TGAC Datasheet HTML 8Page - Inolux Corporation HNSD20TGAC Datasheet HTML 9Page - Inolux Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
0.2” Dual Digit
Numeric SMD Display
HNSD20 Series
Official Product
HNSD20 Series
Customer Part No.
Data Sheet No.
****************
****************
HNSD20 Series
Specifications are subject to change without notice. Data
and drawings herein are copyrighted.
May 13, 2013
Version of 1.0
Page
1/18
Inolux Technologies 0.2” Dual Digit Numeric SMD Display
HNSD20 Series


Similar Part No. - HNSD20TGAC

ManufacturerPart #DatasheetDescription
logo
Inolux Corporation
HNSD28 INOLUX-HNSD28 Datasheet
10Mb / 18P
Inolux Technologies 0.28??Dual Digit Numeric SMD Display HNSD28 Series
HNSD28TGA INOLUX-HNSD28TGA Datasheet
10Mb / 18P
Inolux Technologies 0.28??Dual Digit Numeric SMD Display HNSD28 Series
HNSD28TGAC INOLUX-HNSD28TGAC Datasheet
10Mb / 18P
Inolux Technologies 0.28??Dual Digit Numeric SMD Display HNSD28 Series
HNSD28TGC INOLUX-HNSD28TGC Datasheet
10Mb / 18P
Inolux Technologies 0.28??Dual Digit Numeric SMD Display HNSD28 Series
HNSD28UAA INOLUX-HNSD28UAA Datasheet
10Mb / 18P
Inolux Technologies 0.28??Dual Digit Numeric SMD Display HNSD28 Series
More results

Similar Description - HNSD20TGAC

ManufacturerPart #DatasheetDescription
logo
Inolux Corporation
HNSQ20 INOLUX-HNSQ20 Datasheet
10Mb / 18P
0.2 Four Digit Numeric SMD Display
HNSS20 INOLUX-HNSS20 Datasheet
8Mb / 18P
0.2 Single Digit Numeric SMD Display
HNST20 INOLUX-HNST20 Datasheet
10Mb / 18P
0.2 Triple Digit Numeric SMD Display
HNSD28 INOLUX-HNSD28 Datasheet
10Mb / 18P
Inolux Technologies 0.28??Dual Digit Numeric SMD Display HNSD28 Series
HNSD30 INOLUX-HNSD30 Datasheet
10Mb / 18P
Inolux Technologies 0.3 Dual Digit Numeric SMD Display
HNSD39 INOLUX-HNSD39 Datasheet
11Mb / 19P
Inolux Technologies 0.39 Dual Digit Numeric SMD Display HNSD39 Series
HNSD40 INOLUX-HNSD40 Datasheet
11Mb / 19P
Inolux Technologies 0.4 Dual Digit Numeric SMD Display HNSD40 Series
HNSD51 INOLUX-HNSD51 Datasheet
10Mb / 18P
Inolux Technologies 0.51 Dual Digit Numeric SMD Display HNSD51 Series
HNSD56 INOLUX-HNSD56 Datasheet
11Mb / 19P
Inolux Technologies 0.56 Dual Digit Numeric SMD Display
HNSD80 INOLUX-HNSD80 Datasheet
11Mb / 19P
Inolux Technologies 0.8 Dual Digit Numeric SMD Display HNSD80 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com