Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HNSD20TGAC Datasheet(PDF) 17 Page - Inolux Corporation

Part # HNSD20TGAC
Description  Inolux Technologies 0.2 Dual Digit Numeric SMD Display HNSD20 Series
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INOLUX [Inolux Corporation]
Direct Link  http://www.inolux-corp.com/index.php
Logo INOLUX - Inolux Corporation

HNSD20TGAC Datasheet(HTML) 17 Page - Inolux Corporation

Back Button HNSD20TGAC Datasheet HTML 10Page - Inolux Corporation HNSD20TGAC Datasheet HTML 11Page - Inolux Corporation HNSD20TGAC Datasheet HTML 12Page - Inolux Corporation HNSD20TGAC Datasheet HTML 13Page - Inolux Corporation HNSD20TGAC Datasheet HTML 14Page - Inolux Corporation HNSD20TGAC Datasheet HTML 15Page - Inolux Corporation HNSD20TGAC Datasheet HTML 16Page - Inolux Corporation HNSD20TGAC Datasheet HTML 17Page - Inolux Corporation HNSD20TGAC Datasheet HTML 18Page - Inolux Corporation  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
0.2” Dual Digit
Numeric SMD Display
HNSD20 Series
Official Product
HNSD20 Series
Customer Part No.
Data Sheet No.
****************
****************
HNSD20 Series
Specifications are subject to change without notice. Data
and drawings herein are copyrighted.
May 13, 2013
Version of 1.0
Page
17/18
Reflow Soldering
Pb Free Reflow Soldering Profile
Soldering Iron
Basic Spec is
≦ 4 sec. when 260
°C (+10°C è -1 second). Power dissipation of Iron
should be less than 15W. Surface temperature should be under 230
°C
Rework
Rework should be completed within 3 second under 350
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com