Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9260ASZ Datasheet(PDF) 30 Page - Analog Devices

Part # AD9260ASZ
Description  High Speed Oversampling CMOS ADC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9260ASZ Datasheet(HTML) 30 Page - Analog Devices

Back Button AD9260ASZ Datasheet HTML 26Page - Analog Devices AD9260ASZ Datasheet HTML 27Page - Analog Devices AD9260ASZ Datasheet HTML 28Page - Analog Devices AD9260ASZ Datasheet HTML 29Page - Analog Devices AD9260ASZ Datasheet HTML 30Page - Analog Devices AD9260ASZ Datasheet HTML 31Page - Analog Devices AD9260ASZ Datasheet HTML 32Page - Analog Devices AD9260ASZ Datasheet HTML 33Page - Analog Devices AD9260ASZ Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 45 page
background image
AD9260
Rev. C | Page 29 of 44
The actual reference voltages used by the internal circuitry of
the AD9260 appear on the CAPT and CAPB pins. If VREF is
configured for 2.5 V, thus providing a 4 V full-scale input span,
the voltages appear at CAPT and CAPB are 3.0 V and 1.0 V
respectively. For proper operation when using the internal or an
external reference, it is necessary to add a capacitor network to
decouple the CAPT and CAPB pins. Figure 67 shows the
recommended decoupling network. This capacitive network
performs the following three functions: (1) along with the
reference amplifier, A2, it provides a low source impedance over
a large frequency range to drive the A/D internal circuitry; (2) it
provides the necessary compensation for A2; and (3) it
bandlimits the noise contribution from the reference. The turn-
on time of the reference voltage appearing between CAPT and
CAPB is approximately 15 ms and should be evaluated in any
power-down mode of operation.
CAPT
CAPB
AD9260
+
+
10
µF
0.1
µF
10
µF
0.1
µF
0.1
µF
0.1
µF
VREF
SENSE
REFCOM
Figure 67. Recommended Reference Decoupling Network



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com