Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9260ASZ Datasheet(PDF) 26 Page - Analog Devices

Part # AD9260ASZ
Description  High Speed Oversampling CMOS ADC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9260ASZ Datasheet(HTML) 26 Page - Analog Devices

Back Button AD9260ASZ Datasheet HTML 22Page - Analog Devices AD9260ASZ Datasheet HTML 23Page - Analog Devices AD9260ASZ Datasheet HTML 24Page - Analog Devices AD9260ASZ Datasheet HTML 25Page - Analog Devices AD9260ASZ Datasheet HTML 26Page - Analog Devices AD9260ASZ Datasheet HTML 27Page - Analog Devices AD9260ASZ Datasheet HTML 28Page - Analog Devices AD9260ASZ Datasheet HTML 29Page - Analog Devices AD9260ASZ Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 45 page
background image
AD9260
Rev. C | Page 25 of 44
ANALOG
MODULATOR
VINA
VINB
SS1
SS2
CS1
CS2
SS3
SH1
SS4
SH2
SH3
SH4
CPB1
CPB2
CPA1
CPA2
Figure 61. Detailed Analog Input Structure
Figure 61 illustrates the analog input structure of the AD9260.
For the moment, ignore the presence of the parasitic capacitors
CPA and CPB. The effects of these parasitic capacitors will be
discussed near the end of this section. The switched capacitors,
CS1 and CS2, sample the input voltages applied on pins VINA
and VINB. These capacitors are connected to input pins VINA
and VINB when CLK is low. When CLK rises, a sample of the
input signal is taken on capacitors CS1 and CS2. When CLK is
high, capacitors CS1 and CS2 are connected to the Analog
Modulator. The modulator precharges capacitors CS1 and CS2
to minimize the amount of charge required from any circuit
used in combination with the AD9260 to drive input pins VINA
and VINB. This reduces the input drive requirements of the
analog circuitry driving pins VINA and VINB. The Analog
Modulator precharges the voltages across capacitors CS1 and
CS2, approximately equal to a delayed version of the input
signal. When capacitors CS1 and CS2 are connected to input
pins VINA and VINB, the differential charge, Q(n), on these
capacitors is given in the following equation,
VCORE
CS
q
q
n
Q
×
=
−
=
2
1
)
(
(6)
where q1 and q2 are the individual charges stored on capacitors
CS1 and CS2 respectively, and CS is the capacitance value of
CS1 and CS2. When capacitors CS1 and CS2 are connected to
the Analog Modulator during the preceding precharge clock
phase, the capacitors are precharged equal to an approximation
of a previous sample of the input signal. Consequently the
differential charge on these capacitors while CLK is high is
given in the following equation,
()
Vdelta
CS
delay
VCORE
CS
n
Q
×
+
×
=
− )
1
(
(7)
where VCORE(delay) is the value of VCORE sampled during a
previous period of CLK, and Vdelta is the sigma-delta error
voltage left on the capacitors. Vdelta is a natural artifact of the
sigma-delta feedback techniques utilized in the Analog
Modulator of the AD9260. It is a small random voltage term
that changes every clock period and varies from 0 to ±0.05
×VREF.
The analog circuitry used to drive the input pins of the AD9260
must respond to the charge glitch that occurs when capacitors
CS1 and CS2 are connected to input pins VINA and VINB. This
circuitry must provide additional charge, qdelta, to capacitors
CS1 and CS2, which is the difference between the precharged
value, Q(n–1), and the new value, Q(n), as given in the
following equation,
( )
(
)
1
−
−
=
n
Q
n
Q
Qdelta
(8)
()
[
]
Vdelta
delay
VCORE
VCORE
CS
Qdelta
+
−
×
=
(9)
DRIVING THE INPUT
Transient Response
The charge glitch occurs once at the beginning of every period
of the input CLK (falling edge), and the sample is taken on
capacitors CS1 and CS2 exactly one-half period later (rising
edge). Figure 62 presents a typical input waveform applied to
input Pins VINA and VINB of the AD9260.
CLOCK
VINA-VINB
TRACK SAMPLE TRACK SAMPLE TRACK SAMPLE TRACK SAMPLE
Figure 62. Typical Input Waveform
Figure 62 illustrates the effect of the charge glitch when a source
with nonzero output impedance is used to drive the input pins.
This source must be capable of settling from the charge glitch in
one-half period of the CLK. Unfortunately, the MOS switches
used in any CMOS-switched capacitor circuit (including those
in the AD9260) include nonlinear parasitic junction
capacitances connected to their terminals. Figure 61 also
illustrates the parasitic capacitances, Cpa1, Cpb1, Cpa2, and
Cpb2, associated with the input switches.
Parasitic capacitor Cpa1 and Cpa2 are always connected to Pins
VINA and VINB and therefore do not contribute to the glitch
energy. Parasitic capacitors Cpb1 and Cpb2, on the other hand,
cause a charge glitch that adds to that of input capacitors CS1
and CS2 when they are connected to input Pins VINA and
VINB. The nonlinear junction capacitance of Cpb1 and Cpb2
cause charge glitch energy that is nonlinearily related to the
input signal. Therefore, linear settling is difficult to achieve
unless the input source completely settles during one-half
period of CLK. A portion of the glitch impulse energy kicked
back at the source is not linearly related to the input signal.
Therefore, the best way to ensure that the input signal settles
linearly is to use wide bandwidth circuitry, which settles as
completely as possible from the glitch during one-half period of
the CLK.
The AD9260 utilizes a proprietary clock-boosted boot-
strapping technique to reduce the nonlinear parasitic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com