Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9260ASZ Datasheet(PDF) 18 Page - Analog Devices

Part # AD9260ASZ
Description  High Speed Oversampling CMOS ADC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9260ASZ Datasheet(HTML) 18 Page - Analog Devices

Back Button AD9260ASZ Datasheet HTML 14Page - Analog Devices AD9260ASZ Datasheet HTML 15Page - Analog Devices AD9260ASZ Datasheet HTML 16Page - Analog Devices AD9260ASZ Datasheet HTML 17Page - Analog Devices AD9260ASZ Datasheet HTML 18Page - Analog Devices AD9260ASZ Datasheet HTML 19Page - Analog Devices AD9260ASZ Datasheet HTML 20Page - Analog Devices AD9260ASZ Datasheet HTML 21Page - Analog Devices AD9260ASZ Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 45 page
background image
AD9260
Rev. C | Page 17 of 44
TYPICAL AC CHARACTERIZATION CURVES FOR 4× MODE
AVDD = DVDD = DRVDD = +5 V, 4 V Input Span, Differential DC Coupled Input with CML = 2 V, Full Bias.
50
55
60
65
70
75
80
85
90
INPUT FREQUENCY (MHz)
0.1
1.0
10.0
–6.0dBFS
–0.5dBFS
–20dBFS
Figure 29. SINAD vs. Input Frequency (fCLOCK = 20 MSPS)
–110
–105
–100
–95
–90
–85
–80
–75
–70
INPUT FREQUENCY (MHz)
0.1
1.0
10.0
–6.0dBFS
–0.5dBFS
–20dBFS
Figure 30. THD vs. Input Frequency (fCLOCK = 20 MSPS)
80
85
90
95
100
105
110
INPUT FREQUENCY (MHz)
0.1
1.0
10.0
–6.0dBFS
–0.5dBFS
–20dBFS
Figure 31. SFDR vs. Input Frequency (fCLOCK = 20 MSPS)
60
65
70
75
80
85
90
INPUT FREQUENCY (MHz)
0.1
1.0
–6.0dBFS
–0.5dBFS
–20dBFS
Figure 32. SINAD vs. Input Frequency (fCLOCK = 10 MSPS)
–110
–105
–100
–95
–90
–85
–80
–75
–70
INPUT FREQUENCY (MHz)
0.1
1.0
–6.0dBFS
–0.5dBFS
–20dBFS
Figure 33. THD vs. Input Frequency (fCLOCK = 10 MSPS)
80
85
90
95
100
105
110
INPUT FREQUENCY (MHz)
0.1
1.0
–6.0dBFS
–0.5dBFS
–20dBFS
Figure 34. SFDR vs. Input Frequency (fCLOCK = 10 MSPS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com