Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDS2002 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # TDS2002
Description  Digital Storage Oscilloscopes
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TDS2002 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  TDS2002 Datasheet HTML 1Page - List of Unclassifed Manufacturers TDS2002 Datasheet HTML 2Page - List of Unclassifed Manufacturers TDS2002 Datasheet HTML 3Page - List of Unclassifed Manufacturers TDS2002 Datasheet HTML 4Page - List of Unclassifed Manufacturers TDS2002 Datasheet HTML 5Page - List of Unclassifed Manufacturers TDS2002 Datasheet HTML 6Page - List of Unclassifed Manufacturers TDS2002 Datasheet HTML 7Page - List of Unclassifed Manufacturers TDS2002 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Digital Storage Oscilloscopes
TDS1002 • TDS1012 • TDS2002 • TDS2012 • TDS2014 • TDS2022 • TDS2024
Characteristics
Digital Storage Oscilloscopes • TDS1000 and TDS2000 Series •
www.tektronix.com/tds2000
3
Easily document and analyze measurement
results using OpenChoice™ software.
Quickly transfer waveforms and measure-
ment data to an external PC or between
oscilloscopes.
Precisely analyze, characterize and
troubleshoot circuits – at the push of
a button with the autoset menu.
TDS1000 and TDS2000 Series Electrical Characteristics
TDS1002
TDS1012
TDS2002
TDS2012
TDS2014
TDS2022
TDS2024
Display (1/4 VGA LCD)
Mono
Mono
Color
Color
Color
Color
Color
Bandwidth*1
60 MHz
100 MHz
60 MHz
100 MHz
100 MHz
200 MHz
200 MHz
Channels
2
2
2
2
4
2
4
External Trigger Input
Yes on all models
Sample Rate
1.0 GS/s
1.0 GS/s
1.0 GS/s
1.0 GS/s
1.0 GS/s
2.0 GS/s
2.0 GS/s
on each channel
Record Length
2.5 K points on all models
Vertical Resolution
8-bits
Vertical Sensitivity
2 mV to 5 V/div on all models with calibrated fine adjustment
DC Vertical Accuracy
±3% on all models
Vertical Zoom
Vertically expand or compress a live or stopped waveform
Max Input Voltage
300 V
RMS CAT II; derated at 20 dB/decade above 100 kHz to 13 Vp-p AC at 3 MHz and above
Position Range
2 mV to 200 mV/div ±2 V; >200 mV to 5 V/div ±50 V
BW Limit
20 MHz for all models
Input Coupling
AC, DC, GND on all models
Input Impedance
1 M
Ω in parallel with 20 pF
Time Base Range
5 ns to
5 ns to
5 ns to
5 ns to
5 ns to
2.5 ns to
2.5 ns to
50 sec/div
50 sec/div
50 sec/div
50 sec/div
50 sec/div
50 sec/div
50 sec/div
Time Base Accuracy
50 ppm
Horizontal Zoom
Horizontally expand or compress a live or stopped waveform
*1Bandwidth is 20 MHz at 2 mV/div, all models.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com