Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDS2002 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # TDS2002
Description  Digital Storage Oscilloscopes
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TDS2002 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  TDS2002 Datasheet HTML 1Page - List of Unclassifed Manufacturers TDS2002 Datasheet HTML 2Page - List of Unclassifed Manufacturers TDS2002 Datasheet HTML 3Page - List of Unclassifed Manufacturers TDS2002 Datasheet HTML 4Page - List of Unclassifed Manufacturers TDS2002 Datasheet HTML 5Page - List of Unclassifed Manufacturers TDS2002 Datasheet HTML 6Page - List of Unclassifed Manufacturers TDS2002 Datasheet HTML 7Page - List of Unclassifed Manufacturers TDS2002 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Digital Storage Oscilloscopes • TDS1000 and TDS2000 Series •
www.tektronix.com/tds2000
4
Digital Storage Oscilloscopes
TDS1002 • TDS1012 • TDS2002 • TDS2012 • TDS2014 • TDS2022 • TDS2024
Acquisition Modes
Peak Detect – High frequency and random glitch
capture. Captures glitches as narrow as 12 ns
typical using acquisition hardware at all time/div
settings from 5 µs/div to 50 s/div.
Sample – Sample data only.
Average – Waveform averaged, selectable: 4, 16,
64, 128.
Single Sequence – Use the Single Sequence
button to capture a single triggered acquisition
sequence at a time.
Trigger System (Main Only)
Trigger Modes – Auto, Normal, Single Sequence.
Trigger Types
Edge (rising or falling) – Conventional level-driven
trigger. Positive or negative slope on any channel.
Coupling selections: AC, DC, Noise Reject, HF Reject,
LF Reject.
Video – Trigger on all lines or individual line,
odd/even or all fields from composite video, or
broadcast standards (NTSC, PAL, SECAM).
Pulse Width (or Glitch) – Trigger on a pulse width
less than, greater than, equal to, or not equal to a
selectable time limit ranging from 33 ns to 10 sec.
Trigger Source
2-channel models – CH1, CH2, Ext, Ext/5, AC Line.
4-channel models – CH1, CH2, CH3, CH4, Ext,
Ext/5, AC Line.
Trigger View
Displays trigger signal while trigger view button
is depressed.
Trigger Signal
Frequency Readout
Provides a frequency readout of the trigger source.
Cursors
Types – Voltage, Time.
Measurements – [
∆]T, 1/[∆]T (frequency), [∆]V.
Measurement System
Automatic Waveform Measurements – Period,
Frequency, +Width, –Width, Rise Time, Fall Time,
Max, Min, Peak-to-Peak, Mean, Cycle RMS.
Waveform Processing
Operators – Add, Subtract, FFT.
FFT – Windows: Hanning, Flat Top, Rectangular;
2048 sample points.
Sources – 2-channel models: CH1 - CH2,
CH2 - CH1, CH1 + CH2.
4-channel models: CH1 - CH2, CH2 - CH1,
CH3 - CH4, CH4 - CH3, CH1 + CH2, CH3 + CH4.
Autoset Menu – Single-button, automatic setup
of all channels for vertical, horizontal and trigger
systems, with undo autoset.
Display Characteristics
Display –
Monochrome models: 1/4 VGA, backlit passive LCD
with adjustable multi-level contrast and inverse video
selectable from front panel.
Color models: 1/4 VGA, passive color LCD with
color on black background with adjustable
multi-level contrast.
Interpolation – Sin(x)/x.
Display Types – Dots, vectors.
Persistence – Off, 1 sec, 2 sec, 5 sec, infinite.
Format – YT and XY.
Autoset Menu for
Multiple Signal Types
Signal
Autoset Menu
Type
Choices
Square Wave
Single-cycle, Multi-cycle,
Rising or Falling Edge
Sine Wave
Single-cycle, Multi-cycle,
FFT Spectrum
Video (NTSC,
Field: All, Odd or Even
PAL, SECAM)
Line: All or Selectable
Line Number



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com