Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDS2002 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # TDS2002
Description  Digital Storage Oscilloscopes
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TDS2002 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  TDS2002 Datasheet HTML 1Page - List of Unclassifed Manufacturers TDS2002 Datasheet HTML 2Page - List of Unclassifed Manufacturers TDS2002 Datasheet HTML 3Page - List of Unclassifed Manufacturers TDS2002 Datasheet HTML 4Page - List of Unclassifed Manufacturers TDS2002 Datasheet HTML 5Page - List of Unclassifed Manufacturers TDS2002 Datasheet HTML 6Page - List of Unclassifed Manufacturers TDS2002 Datasheet HTML 7Page - List of Unclassifed Manufacturers TDS2002 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Digital Storage Oscilloscopes • TDS1000 and TDS2000 Series •
www.tektronix.com/tds2000
5
Digital Storage Oscilloscopes
TDS1002 • TDS1012 • TDS2002 • TDS2012 • TDS2014 • TDS2022 • TDS2024
I/O Interface
I/O interface
TDS2CMAX Communication Module
TDS2MEM Storage Memory
and Communication Module
Compatibility
TDS200, TDS1000, TDS2000 Series Oscilloscopes
TDS1000, TDS2000 Series Oscilloscopes
Printer Port
Centronics-type Parallel
Printer Capability
Graphics File Formats – TIFF, PCX (PC Paint Brush), BMP (Microsoft Windows), EPS (Encapsulated Postscript) and RLE
(Requires Module)
Printer Formats – Bubble Jet, DPU-411, DPU-412, DPU-3445, Thinkjet, Deskjet, Laser Jet,
Epson Dot (9- or 24-pin)*2, Epson C60*2, Epson C80
Layout – Landscape and Portrait
RS-232 Programmability
Full talk/listen modes. Control of all modes, settings and measurements.
Baud rate up to 19,200. 9-pin DTE RS-232 Cable (012-1651-00) included
GPIB (IEEE std. 488-1987)
Full talk/listen modes. Control of all modes,
Not Available
Programmability
settings and measurements.
Mass Storage
Not Available
•
Type 1 CompactFlash memory card supplied with Module*3
CompactFlash
® Memory
•
Accepts any Type 1 CompactFlash card, up to and including 1 GB
•
Built-in Clock/Calendar
•
Includes CompactFlash to USB Memory Card Reader
for use with Personal Computer
OpenChoice™ PC
•
TDSPCS1 OpenChoice PC Communications Software included with each Module
Communications
•
Seamless connection from oscilloscope to PC through GPIB and RS-232
Software
•
Transfer and save settings, waveforms, measurements, and screen images
•
Includes a Windows desktop data transfer application in addition to convenient Microsoft Word and Excel Toolbar Add-ins
*2Requires instrument firmware version 2.12/4.12 or higher to support Epson C60/C80 printer formats.
*3Supplied Type 1 CompactFlash memory card storage capacity 8 MB or greater.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com