Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS31256 Datasheet(PDF) 94 Page - Maxim Integrated Products

Part # DS31256
Description  256-Channel, High-Throughput HDLC Controller
PDF  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS31256 Datasheet(HTML) 94 Page - Maxim Integrated Products

Back Button DS31256 Datasheet HTML 90Page - Maxim Integrated Products DS31256 Datasheet HTML 91Page - Maxim Integrated Products DS31256 Datasheet HTML 92Page - Maxim Integrated Products DS31256 Datasheet HTML 93Page - Maxim Integrated Products DS31256 Datasheet HTML 94Page - Maxim Integrated Products DS31256 Datasheet HTML 95Page - Maxim Integrated Products DS31256 Datasheet HTML 96Page - Maxim Integrated Products DS31256 Datasheet HTML 97Page - Maxim Integrated Products DS31256 Datasheet HTML 98Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 183 page
background image
DS31256 256-Channel, High-Throughput HDLC Controller
94 of 183
Figure 9-6. Receive Free-Queue Structure
Once the receive DMA is activated (by setting the RDE control bit in the master configuration register,
see Section 5), it can begin reading data out of the free queue. It knows where to read data out of the free
queue by reading the read pointer and adding it to the base address to obtain the actual 32-bit address.
Once the DMA has read the free queue, it increments the read pointer by two dwords. A check must be
made to ensure the incremented address does not equal or exceed either the receive free-queue small-
buffer start address (in the case of the large buffer circular queue) or the receive free-queue end address
(in the case of the small buffer circular queue). If the incremented address does equal or exceed either of
these addresses, the incremented read pointer is set equal to 0000h.
Base + 00h
Base + 08h
Base + 10h
Base + 18h
Base + 20h
Base + End Address
Free-Queue Large Buffer
Host Write Pointer
Free-Queue Large Buffer
DMA Read Pointer
Maximum of 65,536
Free-Queue Descriptors
DMA Acquired
Free-Queue Descriptor
Free-Queue Small Buffer
DMA Read Pointer
Free-Queue Small Buffer
Host Write Pointer
Free-Queue Small Buffer
Start Address
Large
Buffer
Circular
Queue
Small
Buffer
Circular
Queue
Host Readied
Free-Queue Descriptor
DMA Acquired
Free-Queue Descriptor
DMA Acquired
Free-Queue Descriptor
DMA Acquired
Free-Queue Descriptor
DMA Acquired
Free-Queue Descriptor
DMA Acquired
Free-Queue Descriptor
Host Readied
Free-Queue Descriptor
Host Readied
Free-Queue Descriptor
Host Readied
Free-Queue Descriptor
Host Readied
Free Queue Descriptor
Host Readied
Free-Queue Descriptor
Host Readied
Free-Queue Descriptor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com