Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS31256 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # DS31256
Description  256-Channel, High-Throughput HDLC Controller
PDF  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS31256 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button DS31256 Datasheet HTML 17Page - Maxim Integrated Products DS31256 Datasheet HTML 18Page - Maxim Integrated Products DS31256 Datasheet HTML 19Page - Maxim Integrated Products DS31256 Datasheet HTML 20Page - Maxim Integrated Products DS31256 Datasheet HTML 21Page - Maxim Integrated Products DS31256 Datasheet HTML 22Page - Maxim Integrated Products DS31256 Datasheet HTML 23Page - Maxim Integrated Products DS31256 Datasheet HTML 24Page - Maxim Integrated Products DS31256 Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 183 page
background image
DS31256 256-Channel, High-Throughput HDLC Controller
21 of 183
Signal Name:
LHLDA (
LBG)
Signal Description:
Local Bus Hold Acknowledge (Local Bus Grant) (PCI Bridge Mode Only)
Signal Type:
Input
This input signal is sampled on the rising edge of LCLK to determine when the device has been granted access to
the bus. In Intel mode (LIM = 0), this is an active-high signal; in Motorola mode (LIM = 1) this is an active-low
signal. This signal is ignored and should be connected high when the local bus is in configuration mode
(LMS = 1). Also, in PCI bridge mode (LMS = 0), this signal should be wired deasserted when the local bus
arbitration is disabled through the LBBMC register.
Signal Name:
LHOLD (
LBR)
Signal Description:
Local Bus Hold (Local Bus Request) (PCI Bridge Mode Only)
Signal Type:
Output
This signal is asserted when the DS31256 is attempting to control the local bus. In Intel mode (LIM = 0), this
signal is an active-high signal; in Motorola mode (LIM = 1) this signal is an active-low signal. It is deasserted
concurrently with
LBGACK. This signal is tri-stated when the local bus is in configuration mode (LMS = 1) and
also in PCI bridge mode (LMS = 0) when the local bus arbitration is disabled through the LBBMC register.
Signal Name:
LBGACK
Signal Description:
Local Bus Grant Acknowledge (PCI Bridge Mode Only)
Signal Type:
Output (tri-state capable)
This active-low signal is asserted when the local bus hold-acknowledge/bus grant signal (LHLDA/
LBG) has been
detected and continues its assertion for a programmable (32 to 1,048,576) number of LCLKs, based on the local
bus arbitration timer setting in the LBBMC register. This signal is tri-stated when the local bus is in configuration
mode (LMS = 1).
Signal Name:
LBHE
Signal Description:
Local Bus Byte-High Enable (PCI Bridge Mode Only)
Signal Type:
Output (tri-state capable)
This active-low output signal is asserted when all 16 bits of the data bus (LD[15:0]) are active. It remains high if
only the lower 8 bits (LD[7:0)] are active. If bus arbitration is enabled through the LARBE control bit in the
LBBMC register, this signal is tri-stated when the local bus is not currently involved in a bus transaction and
driven when a bus transaction is active. When bus arbitration is disabled, this signal is always driven. This signal
remains in tri-state when the local bus is not involved in a bus transaction and is in configuration mode
(LMS = 1).
Signal Name:
LCLK
Signal Description:
Local Bus Clock (PCI Bridge Mode Only)
Signal Type:
Output (tri-state capable)
This signal outputs a buffered version of the clock applied at the PCLK input. All local bus signals are generated
and sampled from this clock. This output is tri-stated when the local bus is in configuration mode (LMS = 1). It
can be disabled in the PCI bridge mode through the LBBMC register.
Signal Name:
LCS
Signal Description:
Local Bus Chip Select (Configuration Mode Only)
Signal Type:
Input
This active-low signal must be asserted for the device to accept a read or write command from an external host.
This signal is ignored in the PCI bridge mode (LMS = 0) and should be connected high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com