Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS31256 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # DS31256
Description  256-Channel, High-Throughput HDLC Controller
PDF  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS31256 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button DS31256 Datasheet HTML 2Page - Maxim Integrated Products DS31256 Datasheet HTML 3Page - Maxim Integrated Products DS31256 Datasheet HTML 4Page - Maxim Integrated Products DS31256 Datasheet HTML 5Page - Maxim Integrated Products DS31256 Datasheet HTML 6Page - Maxim Integrated Products DS31256 Datasheet HTML 7Page - Maxim Integrated Products DS31256 Datasheet HTML 8Page - Maxim Integrated Products DS31256 Datasheet HTML 9Page - Maxim Integrated Products DS31256 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 183 page
background image
DS31256 256-Channel, High-Throughput HDLC Controller
6 of 183
1. MAIN FEATUERS
§ Layer 1
Can simultaneously support up to 60 T1 or 64 E1
data streams, or two T3 data streams
16 independent physical ports capable of speeds
up to 10MHz; three ports are also capable of
speeds up to 52MHz
Each port can be independently configured for
either channelized or unchannelized
operation
Each physical channelized port can handle one,
two, or four T1 or E1 data streams
Supports N x 64kbps and N x 56kbps
On-board V.54 loopback detector
On-board BERT generation and detection
Per DS0 channel loopback in both directions
Unchannelized loopbacks in both directions
§ HDLC
256 independent channels
Up to 132Mbps throughput in both the receive
and transmit directions
Transparent mode
Three fast HDLC controllers capable of
operating up to 52 MHz
Automatic flag detection and generation
Shared opening and closing flag
Interfame fill
Zero stuffing and destuffing
CRC16/32 checking and generation
Abort detection and generation
CRC error and long/short frame error detection
Invert clock
Invert data
§ FIFO
Large 16kB receive and 16kB transmit buffers
maximize PCI bus efficiency
Small block size of 16 Bytes allows maximum
flexibility
Programmable low and high watermarks
Programmable HDLC channel priority setting
§ DMA
Efficient scatter-gather DMA minimizes system
memory utilization
Programmable small and large buffer sizes up to
8188 Bytes and algorithm select
Descriptor bursting to conserve PCI bus
bandwidth
Identical receive and transmit descriptors
minimize host processing in store-and-
forward
Automatic channel disabling and enabling on
transmit errors
Receive packets are timestamped
Transmit packet priority setting
§ PCI Bus
32-bit, 33MHz
Version 2.1 Compliant
Contains extension signals that allow adoption to
custom buses
Can burst up to 256 32-bit words to maximize
bus efficiency
§ Local Bus
Can be bridged from the PCI bus to simplify
system design, or a configuration bus
Can arbitrate for the bus when in bridge mode
Configurable as 8 or 16 bits wide
Supports a 1MB address space when in bridge
mode
Supports Intel and Motorola bus timing
§ JTAG Test Access
§ 3.3V low-power CMOS with 5V tolerant I/Os
§ 256-pin plastic BGA package (27mm x 27mm)
Governing Specifications
The DS31256 fully meets the following specifications:
· ANSI (American National Standards Institute) T1.403-1995 Network-to-Customer Installation DS1 Metallic
Interface March 21, 1995
· PCI Local Bus Specification V2.1 June 1, 1995
· ITU Q.921 March 1993
· ISO Standard 3309-1979 Data Communications–HDLC Procedures–Frame Structure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com