Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS31256 Datasheet(PDF) 105 Page - Maxim Integrated Products

Part # DS31256
Description  256-Channel, High-Throughput HDLC Controller
PDF  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS31256 Datasheet(HTML) 105 Page - Maxim Integrated Products

Back Button DS31256 Datasheet HTML 101Page - Maxim Integrated Products DS31256 Datasheet HTML 102Page - Maxim Integrated Products DS31256 Datasheet HTML 103Page - Maxim Integrated Products DS31256 Datasheet HTML 104Page - Maxim Integrated Products DS31256 Datasheet HTML 105Page - Maxim Integrated Products DS31256 Datasheet HTML 106Page - Maxim Integrated Products DS31256 Datasheet HTML 107Page - Maxim Integrated Products DS31256 Datasheet HTML 108Page - Maxim Integrated Products DS31256 Datasheet HTML 109Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 183 page
background image
DS31256 256-Channel, High-Throughput HDLC Controller
105 of 183
ready to be read. During a write operation, this bit is set to 1 while the write is taking place. It is set to 0 once the
write operation has completed.
Register Name:
RDMAC
Register Description:
Receive DMA Channel Configuration
Register Address:
0774h
Bit #
7
6
5
4
3
2
1
0
Name
D7
D6
D5
D4
D3
D2
D1
D0
Default
Bit #
15
14
13
12
11
10
9
8
Name
D15
D14
D13
D12
D11
D10
D9
D8
Default
Note: Bits that are underlined are read-only, all other bits are read-write.
Bits 0 to 15/Receive DMA Configuration RAM Data (D0 to D15). Data that is written to or read from the
receive DMA configuration RAM.
9.3 Transmit Side
9.3.1 Overview
The transmit DMA uses a scatter-gather technique to read packet data from main memory. The host
keeps track of and decides from where (and when) the DMA should grab the outgoing packet data. A set
of descriptors that get handed back and forth between the host and the DMA can tell the DMA where to
obtain the packet data, and the DMA can tell the host when the data has been transmitted.
The transmit DMA operation has three main areas, as shown in Figure 9-10, Figure 9-11, and Table 9-G.
The host writes to the pending queue, informing the DMA which channels have packet data ready to be
transmitted. Associated with each pending-queue descriptor is a data buffer that contains the actual data
payload of the HDLC packet. The data buffers can be between 1 and 8188 Bytes in length (inclusive). If
an outgoing packet requires more memory than a data buffer contains, the host can link the data buffers
to handle packets of any size.
The done-queue descriptors contain information that the DMA wishes to pass to the host. The DMA
writes to the done queue when it has completed transmitting either a complete packet or data buffer (see
below for the discussion on the DMA update to the done queue). Through the done-queue descriptors,
the DMA informs the host about the status of the outgoing packet data. If an error occurs in the
transmission, the done queue can be used by the host to recover the packet data that did not get
transmitted and the host can then re-queue the packets for transmission.
If enabled, the DMA can burst read the pending-queue descriptors and burst write the done-queue
descriptors. This helps minimize PCI bus accesses, freeing the PCI bus up to do more time-critical
functions. See Sections 9.3.3 and 9.3.4 for more details on this feature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com