Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS31256 Datasheet(PDF) 115 Page - Maxim Integrated Products

Part # DS31256
Description  256-Channel, High-Throughput HDLC Controller
PDF  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS31256 Datasheet(HTML) 115 Page - Maxim Integrated Products

Back Button DS31256 Datasheet HTML 111Page - Maxim Integrated Products DS31256 Datasheet HTML 112Page - Maxim Integrated Products DS31256 Datasheet HTML 113Page - Maxim Integrated Products DS31256 Datasheet HTML 114Page - Maxim Integrated Products DS31256 Datasheet HTML 115Page - Maxim Integrated Products DS31256 Datasheet HTML 116Page - Maxim Integrated Products DS31256 Datasheet HTML 117Page - Maxim Integrated Products DS31256 Datasheet HTML 118Page - Maxim Integrated Products DS31256 Datasheet HTML 119Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 183 page
background image
DS31256 256-Channel, High-Throughput HDLC Controller
115 of 183
Figure 9-16. Transmit Packet Descriptors
dword 0
Data Buffer Address (32)
dword 1
EOF
CV
unused
Byte Count (13)
Next Descriptor Pointer (16)
dword 2
unused (24)
HDLC Channel (8)
dword 3
unused (15)
PV
Next Pending Descriptor Pointer (16)
Note 1: The organization of the transmit descriptor is not affected by the enabling of Big Endian.
Note 2: The format of the transmit descriptor is almost identical to the receive descriptor; this lessens the burden of the host in preparing
descriptors in store-and-forward applications.
Note 3: Next descriptor pointer is an index, not an absolute address.
dword 0; Bits 0 to 31/Data Buffer Address. Direct 32-bit starting address of the data buffer that is associated
with this transmit descriptor.
dword 1; Bits 0 to 15/Next Descriptor Pointer. This 16-bit value is the offset from the transmit descriptor base
address of the next descriptor in the chain. Only valid if EOF = 0 (next descriptor in the same packet chain) or if
EOF = 1 and CV = 1 (first descriptor in the next packet).
dword 1; Bits 16 to 28/Byte Count. Number of bytes stored in the data buffer. Maximum is 8188 Bytes (0000h =
0 Bytes / 1FFCh = 8188 Bytes).
dword 1; Bit 29/Unused. This bit is ignored by the transmit DMA and can be set to any value.
dword 1; Bit 30/Chain Valid (CV). If CV is set to 1 when EOF = 1, then this indicates that the next descriptor
pointer field is valid and corresponds to the first descriptor of the next packet that is queued up for transmission.
The CV bit is ignored when EOF = 0.
dword 1; Bit 31/End of Frame (EOF). When set to 1, this bit indicates that the descriptor is the last buffer in the
current packet. When set to 0, this bit indicates that next descriptor pointer field is valid and points to the next
descriptor in the packet chain.
dword 2; Bits 0 to 7/HDLC Channel Number. HDLC channel number, which can be from 1 to 256.
00000000 (00h) = HDLC channel number 1
11111111 (FFh) = HDLC channel number 256
dword 2; Bits 8 to 31/Unused. These bits are ignored by the transmit DMA and can be set to any value.
dword 3; Bits 0 to 15/Next Pending Descriptor Pointer. This 16-bit value is the offset from the transmit
descriptor base address to another descriptor chain that is queued up for transmission. The transmit DMA can store
up to two queued packet chains internally, but additional packet chains must be stored as a link list by the transmit
DMA using this field. This field is only valid if PV = 1, and it should be set to 0000h by the host when the host is
preparing the descriptor.
dword 3; Bit 16/Pending Descriptor Valid (PV). If set, this bit indicates that the next pending descriptor pointer
field is valid and corresponds to the first descriptor of the next packet chain that is queued up for transmission.
This field is written to by the transmit DMA to link descriptors together and should always be set to 0 by the host.
dword 3; Bits 17 to 31/Unused. These bits are ignored by the transmit DMA and can be set to any value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com