Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS31256 Datasheet(PDF) 122 Page - Maxim Integrated Products

Part # DS31256
Description  256-Channel, High-Throughput HDLC Controller
PDF  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS31256 Datasheet(HTML) 122 Page - Maxim Integrated Products

Back Button DS31256 Datasheet HTML 118Page - Maxim Integrated Products DS31256 Datasheet HTML 119Page - Maxim Integrated Products DS31256 Datasheet HTML 120Page - Maxim Integrated Products DS31256 Datasheet HTML 121Page - Maxim Integrated Products DS31256 Datasheet HTML 122Page - Maxim Integrated Products DS31256 Datasheet HTML 123Page - Maxim Integrated Products DS31256 Datasheet HTML 124Page - Maxim Integrated Products DS31256 Datasheet HTML 125Page - Maxim Integrated Products DS31256 Datasheet HTML 126Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 183 page
background image
DS31256 256-Channel, High-Throughput HDLC Controller
122 of 183
Figure 9-20. Transmit Done-Queue Structure
Once the transmit DMA is activated (through the TDE control bit in the master configuration register;
see Section 5 for more details), it can begin writing data to the done queue. It knows where to write data
into the done queue by reading the write pointer and adding it to the base address to obtain the actual 32-
bit address. Once the DMA writes to the done queue, it increments the write pointer by one dword. A
check must be made to ensure the incremented address does not exceed the transmit done-queue end
address. If the incremented address does exceed this address, the incremented write pointer is set equal to
0000h (i.e., the base address).
Status Bits/Interrupts
On writes to the done queue by the DMA, the DMA sets the status bit for the transmit DMA done-queue
write (TDQW) in the status register for DMA (SDMA). The host can configure the DMA to either set
this status bit on each write to the done queue or only after multiple (from 2 to 128) writes. The host
controls this by setting the TDQT0 to TDQT2 bits in the transmit DMA queues-control (TDMAQ)
register. See the description of the TDMAQ register at the end of this section for more details. The DMA
also checks the transmit done-queue host read pointer to ensure that an overflow does not occur. If this
does occur, the DMA sets the status bit for transmit DMA done-queue write error (TDQWE) in the status
register for DMA (SDMA), and it does not write to the done queue nor does it increment the write
pointer. In such a scenario, information on transmitted packets is lost and unrecoverable. Each of the
status bits can also (if enabled) cause a hardware interrupt to occur. See Section 5 for more details.
Done-Queue Burst Writing
The DMA can write to the done queue in bursts. This allows for a more efficient use of the PCI bus. The
DMA can hand off descriptors to the done queue in groups rather than one at a time, freeing up the PCI
bus for more time-critical functions.
An internal FIFO can store up to eight done-queue descriptors (8 dwords, since each descriptor occupies
one dword). The host must configure the FIFO for proper operation through the transmit DMA queues
control (TDMAQ) register (see the following).
dmatdq
Base + 00h
Base + 04h
Base + 08h
Base + 0Ch
Base + 10h
Base + 14h
Base + End Address
Done Queue DMA Write Pointer
Done Queue Host Read Pointer
Maximum of 65536
Done Queue Descriptors
DMA Readied
Done Queue Descriptor
DMA Readied
Done Queue Descriptor
DMA Readied
Done Queue Descriptor
DMA Readied
Done Queue Descriptor
Host Processed
Done Queue Descriptor
Host Processed
Done Queue Descriptor
Host Processed
Done Queue Descriptor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com