Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS31256 Datasheet(PDF) 154 Page - Maxim Integrated Products

Part # DS31256
Description  256-Channel, High-Throughput HDLC Controller
PDF  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS31256 Datasheet(HTML) 154 Page - Maxim Integrated Products

Back Button DS31256 Datasheet HTML 150Page - Maxim Integrated Products DS31256 Datasheet HTML 151Page - Maxim Integrated Products DS31256 Datasheet HTML 152Page - Maxim Integrated Products DS31256 Datasheet HTML 153Page - Maxim Integrated Products DS31256 Datasheet HTML 154Page - Maxim Integrated Products DS31256 Datasheet HTML 155Page - Maxim Integrated Products DS31256 Datasheet HTML 156Page - Maxim Integrated Products DS31256 Datasheet HTML 157Page - Maxim Integrated Products DS31256 Datasheet HTML 158Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 183 page
background image
DS31256 256-Channel, High-Throughput HDLC Controller
154 of 183
Bit 6/Local Bus Width (LBW)
0 = 16 bits
1 = 8 bits
Bits 8 to 11/Local Bus Arbitration Timer Setting (LAT0 to LAT3). These four bits determine the total time the
local bus seizes the bus when it has been granted in the arbitration mode (LARBE = 1). This period is measured
from LHLDA (
LBG) being detected to LBGACK inactive.
CONDITION
33MHz PCLK
25MHz PCLK
0000 = when granted, hold the bus for 32 LCLKs
0.97
ms
1.3
ms
0001 = when granted, hold the bus for 64 LCLKs
1.9
ms
2.6
ms
0010 = when granted, hold the bus for 128 LCLKs
3.9
ms
5.1
ms
0011 = when granted, hold the bus for 256 LCLKs
7.8
ms
10.2
ms
0100 = when granted, hold the bus for 512 LCLKs
15.5
ms
20.5
ms
1101 = when granted, hold the bus for 262,144 LCLKs
7.9ms
10.5ms
1110 = when granted, hold the bus for 524,288 LCLKs
15.9ms
21.0ms
1111 = when granted, hold the bus for 1,048,576 LCLKs
31.8ms
41.9ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com