Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS950410 Datasheet(PDF) 12 Page - Integrated Circuit Systems

Part # ICS950410
Description  AMD - K System Clock Chip
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS950410 Datasheet(HTML) 12 Page - Integrated Circuit Systems

Back Button ICS950410 Datasheet HTML 7Page - Integrated Circuit Systems ICS950410 Datasheet HTML 8Page - Integrated Circuit Systems ICS950410 Datasheet HTML 9Page - Integrated Circuit Systems ICS950410 Datasheet HTML 10Page - Integrated Circuit Systems ICS950410 Datasheet HTML 11Page - Integrated Circuit Systems ICS950410 Datasheet HTML 12Page - Integrated Circuit Systems ICS950410 Datasheet HTML 13Page - Integrated Circuit Systems ICS950410 Datasheet HTML 14Page - Integrated Circuit Systems ICS950410 Datasheet HTML 15Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
12
ICS950410
Advance Information
0888—04/06/04
Electrical Characteristics - CPUCLKK8T/C K8 3.3V Push Pull Differential Pair
PARAMETER
SYMBOL
CONDITIONS*
MIN
TYP
MAX
UNITS
NOTES
Rising Edge Rate
δV/δt
2
10
V/ns
1
Falling Edge Rate
δV/δt
2
10
V/ns
1
Differential Voltage
V
DIFF
0.4
2.3
V
1
Change in V
DIFF_DC Magnitude
∆V
DIFF
-150
150
mV
1
Common Mode Voltage
V
CM
1.05
1.45
V
1
Change in Common Mode
Voltage
∆V
CM
-200
200
mV
1
Jitter, Cycle to cycle
t
jcyc-cyc
Measurement from differential
wavefrom
0
200
ps
1
Jitter, Accumulated
t
ja
-1000
1000
1,2,3
Duty Cycle
d
t3
Measurement from differential
wavefrom
45
55
%
1
Output Impedance
R
ON
Average value during switching
transition. Used for determining
series termination value.
15
55
Ω
1
Group Skew
t
skew
Measurement from differential
wavefrom
250
ps
1
*TA = 0 - 70°C; Supply Voltage VDD = 3.3 V +/-5%
1Guaranteed by design and characterization, not 100% tested in production.
2 All accumulated jitter specifications are guaranteed assuming that REF is at 14.31818MHz
3 Spread Spectrum is off
At CPU's test load. 0 V +/- 400
mV (diffential measurment)
At CPU's test load. (single-
ended measurement)
Electrical Characteristics - HTTCLK
PARAMETER
SYMBOL
CONDITIONS*
MIN
TYP
MAX
UNITS
NOTES
Output Impedance
Z
O
V
O = VX
12
55
Ω
1
Output High Voltage
V
OH1
I
OH = -1 mA
2.4
V
1
Output Low Voltage
V
OL1
I
OL = 1 mA
0.4
V
1
Output High Current
I
OH1
V
OH = 2.0 V
-15
mA
1
Output Low Current
I
OL1
V
OL = 0.8 V
10
mA
1
Edge Rate
t
slewr/f
Rise/Fall edge rate between
20% 60%
14
V/ns
1
Rise Time
t
r
V
OL = 0.4 V, VOH = 2.4 V
0.5
2
ns
1
Fall Time
t
f
V
OH = 2.4 V, VOL = 0.4 V
0.5
2
ns
1
Duty Cycle
d
t1
V
T = 50%
45
55
%
1
Group Skew
t
skew
V
T = 1.5 V
150
ps
1
Jitter, Cycle-to-cycle
t
jcyc-cyc2B
V
T = 1.5 V
250
ps
1
*TA = 0 - 70°C; Supply Voltage VDD = 3.3 V +/-5%
1Guaranteed by design and characterization, not 100% tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com