Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS950410 Datasheet(PDF) 13 Page - Integrated Circuit Systems

Part # ICS950410
Description  AMD - K System Clock Chip
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS950410 Datasheet(HTML) 13 Page - Integrated Circuit Systems

Back Button ICS950410 Datasheet HTML 7Page - Integrated Circuit Systems ICS950410 Datasheet HTML 8Page - Integrated Circuit Systems ICS950410 Datasheet HTML 9Page - Integrated Circuit Systems ICS950410 Datasheet HTML 10Page - Integrated Circuit Systems ICS950410 Datasheet HTML 11Page - Integrated Circuit Systems ICS950410 Datasheet HTML 12Page - Integrated Circuit Systems ICS950410 Datasheet HTML 13Page - Integrated Circuit Systems ICS950410 Datasheet HTML 14Page - Integrated Circuit Systems ICS950410 Datasheet HTML 15Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
13
ICS950410
Advance Information
0888—04/06/04
Electrical Characteristics - REF-14.318MHz
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Notes
Long Accuracy
ppm
see Tperiod min-max values
-300
300
ppm
1,2
Clock period
T
period
14.318MHz output nominal
69.8270
69.8550
ns
2
Output High Voltage
V
OH
I
OH = -1 mA
2.4
V
1
Output Low Voltage
V
OL
I
OL = 1 mA
0.4
V
1
Output High Current
I
OH
V
OH @MIN = 1.0 V,
V
OH@MAX = 3.135 V
-29
-23
mA
1
Output Low Current
I
OL
V
OL @MIN = 1.95 V,
V
OL @MAX = 0.4 V
29
27
mA
1
Edge Rate
t
slewr/f
Rising/Falling edge rate
1
4
V/ns
1
Rise Time
t
r1
V
OL = 0.4 V, VOH = 2.4 V
1
2
ns
1
Fall Time
t
f1
V
OH = 2.4 V, VOL = 0.4 V
1
2
ns
1
Skew
t
sk1
V
T = 1.5 V
500
ps
1
Duty Cycle
d
t1
V
T = 1.5 V
45
55
%
1
Jitter
t
jcyc-cyc
V
T = 1.5 V
1000
ps
1
*TA = 0 - 70°C; Supply Voltage VDD = 3.3 V +/-5%, CL = 20 pF with Rs = 7
Ω (Rs is used in USB48MHz test only)
1Guaranteed by design and characterization, not 100% tested in production.
2 All Long Term Accuracy and Clock Period specifications are guaranteed assuming that REFOUT is at 14.31818MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com