Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS950410 Datasheet(PDF) 14 Page - Integrated Circuit Systems

Part # ICS950410
Description  AMD - K System Clock Chip
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS950410 Datasheet(HTML) 14 Page - Integrated Circuit Systems

Back Button ICS950410 Datasheet HTML 7Page - Integrated Circuit Systems ICS950410 Datasheet HTML 8Page - Integrated Circuit Systems ICS950410 Datasheet HTML 9Page - Integrated Circuit Systems ICS950410 Datasheet HTML 10Page - Integrated Circuit Systems ICS950410 Datasheet HTML 11Page - Integrated Circuit Systems ICS950410 Datasheet HTML 12Page - Integrated Circuit Systems ICS950410 Datasheet HTML 13Page - Integrated Circuit Systems ICS950410 Datasheet HTML 14Page - Integrated Circuit Systems ICS950410 Datasheet HTML 15Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
14
ICS950410
Advance Information
0888—04/06/04
Fig. 1
Shared Pin Operation -
Input/Output Pins
The I/O pins designated by (input/output) on the ICS950410
serve as dual signal functions to the device. During initial
power-up, they act as input pins. The logic level (voltage)
that is present on these pins at this time is read and
stored into a 5-bit internal data latch. At the end of Power-
On reset, (see AC characteristics for timing values), the
device changes the mode of operations for these pins to
an output function. In this mode the pins produce the
specified buffered clocks to external loads.
To program (load) the internal configuration register for
these pins, a resistor is connected to either the VDD
(logic 1) power supply or the GND (logic 0) voltage
potential. A 10 Kilohm (10K) resistor is used to provide
both the solid CMOS programming voltage needed during
the power-up programming period and to provide an
insignificant load on the output clock during the subsequent
operating period.
Via to
VDD
Clock trace to load
Series Term. Res.
Programming
Header
Via to Gnd
Device
Pad
2K
W
8.2K
W
Figure 1 shows a means of implementing this function
when a switch or 2 pin header is used. With no jumper is
installed the pin will be pulled high. With the jumper in
place the pin will be pulled low. If programmability is not
necessary, than only a single resistor is necessary. The
programming resistors should be located close to the
series termination resistor to minimize the current loop
area. It is more important to locate the series termination
resistor close to the driver than the programming resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com