Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNH2SP30 Datasheet(PDF) 8 Page - STMicroelectronics

Part # VNH2SP30
Description  AUTOMOTIVE FULLY INTEGRATED H-BRIDGE MOTOR DRIVER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNH2SP30 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button VNH2SP30 Datasheet HTML 4Page - STMicroelectronics VNH2SP30 Datasheet HTML 5Page - STMicroelectronics VNH2SP30 Datasheet HTML 6Page - STMicroelectronics VNH2SP30 Datasheet HTML 7Page - STMicroelectronics VNH2SP30 Datasheet HTML 8Page - STMicroelectronics VNH2SP30 Datasheet HTML 9Page - STMicroelectronics VNH2SP30 Datasheet HTML 10Page - STMicroelectronics VNH2SP30 Datasheet HTML 11Page - STMicroelectronics VNH2SP30 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
VNH2SP30-E
8/26
Figure 5. Typical Application Circuit For Dc To 20khz PWM OperationShort Circuit Protection
In case of a fault condition the DIAGX/ENX pin is
considered as an output pin by the device.
The fault conditions are:
- overtemperature on one or both high sides (for example
if a short to ground occurs as it could be the case
described in line 1 and 2 in the table below);
- short to battery condition on the output (saturation
detection on the Low-Side Power MOSFET).
Possible origins of fault conditions may be:
OUTA is shorted to ground ---> overtemperature
detection on high side A.
OUTA is shorted to VCC ---> Low-Side Power MOSFET
saturation detection.
When a fault condition is detected, the user can know
which power element is in fault by monitoring the INA,
INB, DIAGA/ENA and DIAGB/ENB pins.
In any case, when a fault is detected, the faulty leg of the
bridge is latched off. To turn-on the respective output
(OUTX) again, the input signal must rise from low to high
level.
Table 15. Truth Table In Fault Conditions (Detected On OUTA)
M
µC
Reg 5V
+ 5V
HSA
HSB
LSA
LSB
VCC
DIAGA/ENA
CS
INA
PWM
OUTA
OUTB
D
S
G
b) N MOSFET
3.3K
1K
1K
1K
10K
33nF
1.5K
VCC
100K
DIAGB/ENB
+5V
1K
3.3K
INB
1K
GNDA
GNDB
> 50uF
INA
INB
DIAGA/ENA
DIAGB/ENB
OUTA
OUTB
CS
1
1
0
1
OPEN
H
High Imp.
1
0
0
1
OPEN
L
High Imp.
0
1
0
1
OPEN
H
IOUTB/K
0
0
0
1
OPEN
L
High Imp.
X
X
0
0
OPEN
OPEN
High Imp.
X
1
0
1
OPEN
H
IOUTB/K
X
0
0
1
OPEN
L
High Imp.
Fault Information
Protection Action



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com