Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNH2SP30 Datasheet(PDF) 11 Page - STMicroelectronics

Part # VNH2SP30
Description  AUTOMOTIVE FULLY INTEGRATED H-BRIDGE MOTOR DRIVER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNH2SP30 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button VNH2SP30 Datasheet HTML 7Page - STMicroelectronics VNH2SP30 Datasheet HTML 8Page - STMicroelectronics VNH2SP30 Datasheet HTML 9Page - STMicroelectronics VNH2SP30 Datasheet HTML 10Page - STMicroelectronics VNH2SP30 Datasheet HTML 11Page - STMicroelectronics VNH2SP30 Datasheet HTML 12Page - STMicroelectronics VNH2SP30 Datasheet HTML 13Page - STMicroelectronics VNH2SP30 Datasheet HTML 14Page - STMicroelectronics VNH2SP30 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
11/26
VNH2SP30-E
Figure 8. Definition Of The High Side Switching Times
Figure 9. Definition Of Dynamic Cross Conduction Current During A Pwm Operation
t
t
VOUTA
VINA,
90%
10%
tD(on)
tD(off)
t
t
IMOTOR
PWM
t
VOUTB
t
ICC
trr
IRM
INA=1, INB=0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com