Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNH2SP30 Datasheet(PDF) 15 Page - STMicroelectronics

Part # VNH2SP30
Description  AUTOMOTIVE FULLY INTEGRATED H-BRIDGE MOTOR DRIVER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNH2SP30 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button VNH2SP30 Datasheet HTML 11Page - STMicroelectronics VNH2SP30 Datasheet HTML 12Page - STMicroelectronics VNH2SP30 Datasheet HTML 13Page - STMicroelectronics VNH2SP30 Datasheet HTML 14Page - STMicroelectronics VNH2SP30 Datasheet HTML 15Page - STMicroelectronics VNH2SP30 Datasheet HTML 16Page - STMicroelectronics VNH2SP30 Datasheet HTML 17Page - STMicroelectronics VNH2SP30 Datasheet HTML 18Page - STMicroelectronics VNH2SP30 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
15/26
VNH2SP30-E
Figure 14. On State Supply Current
Figure 15. High Level Input Current
Figure 16. Input High Level Voltage
Figure 17. Off State Supply Current
Figure 18. Input Clamp Voltage
Figure 19. Input Low Level Voltage
-50
-25
0
25
50
75
100
125
150
175
Tc (°C)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
Is (mA)
Vcc=13V
INA or INB=5V
-50
-25
0
25
50
75
100
125
150
175
Tc (°C)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
Iinh (µA)
Vin=3.25V
-50
-25
0
25
50
75
100
125
150
175
Tc (°C)
2
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3
Vih (V)
-50
-25
0
25
50
75
100
125
150
175
Tc (°C)
0
5
10
15
20
25
30
35
40
45
50
Is (µA)
Vcc=13V
-50
-25
0
25
50
75
100
125
150
175
Tc (°C)
5
5.25
5.5
5.75
6
6.25
6.5
6.75
7
7.25
7.5
7.75
8
Vicl (V)
Iin =1mA
-50
-25
0
25
50
75
100
125
150
175
Tc (°C)
1
1.25
1.5
1.75
2
2.25
2.5
2.75
3
Vil (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com