Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNH2SP30-E Datasheet(PDF) 16 Page - STMicroelectronics

Part # VNH2SP30-E
Description  AUTOMOTIVE FULLY INTEGRATED H-BRIDGE MOTOR DRIVER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNH2SP30-E Datasheet(HTML) 16 Page - STMicroelectronics

Back Button VNH2SP30-E Datasheet HTML 12Page - STMicroelectronics VNH2SP30-E Datasheet HTML 13Page - STMicroelectronics VNH2SP30-E Datasheet HTML 14Page - STMicroelectronics VNH2SP30-E Datasheet HTML 15Page - STMicroelectronics VNH2SP30-E Datasheet HTML 16Page - STMicroelectronics VNH2SP30-E Datasheet HTML 17Page - STMicroelectronics VNH2SP30-E Datasheet HTML 18Page - STMicroelectronics VNH2SP30-E Datasheet HTML 19Page - STMicroelectronics VNH2SP30-E Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
VNH2SP30-E
16/26
Figure 20. Input Hysteresis Voltage
Figure 21. Delay Time during change of
operation mode
Figure 22. High Level Enable Voltage
Figure 23. High Level Enable Pin Current
Figure 24. Enable Clamp Voltage
Figure 25. Low Level Enable Voltage
-50
-25
0
25
50
75
100
125
150
175
Tc (°C)
0
0.25
0.5
0.75
1
1.25
1.5
1.75
2
Vihyst (V)
Vcc=13V
-50
-25
0
25
50
75
100
125
150
175
Tc (°C)
0
100
200
300
400
500
600
700
800
900
1000
tdel (µs)
-50
-25
0
25
50
75
100
125
150
175
Tc (°C)
1.6
1.8
2
2.2
2.4
2.6
2.8
3
3.2
3.4
3.6
Venh (V)
Vcc=9V
-50
-25
0
25
50
75
100
125
150
175
Tc (°C)
0
1
2
3
4
5
6
7
8
Ienh (µA)
Ven=3.25V
-50
-25
0
25
50
75
100
125
150
175
Tc (°C)
-1
-0.9
-0.8
-0.7
-0.6
-0.5
-0.4
-0.3
-0.2
Vencl (V)
Ien=-1mA
-50
-25
0
25
50
75
100
125
150
175
Tc (°C)
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
Venl (V)
Vcc=9V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com