Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNH2SP30-E Datasheet(PDF) 21 Page - STMicroelectronics

Part # VNH2SP30-E
Description  AUTOMOTIVE FULLY INTEGRATED H-BRIDGE MOTOR DRIVER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNH2SP30-E Datasheet(HTML) 21 Page - STMicroelectronics

Back Button VNH2SP30-E Datasheet HTML 17Page - STMicroelectronics VNH2SP30-E Datasheet HTML 18Page - STMicroelectronics VNH2SP30-E Datasheet HTML 19Page - STMicroelectronics VNH2SP30-E Datasheet HTML 20Page - STMicroelectronics VNH2SP30-E Datasheet HTML 21Page - STMicroelectronics VNH2SP30-E Datasheet HTML 22Page - STMicroelectronics VNH2SP30-E Datasheet HTML 23Page - STMicroelectronics VNH2SP30-E Datasheet HTML 24Page - STMicroelectronics VNH2SP30-E Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
21/26
VNH2SP30-E
Figure 41. MultiPowerSO-30 HSD Thermal Impedance Junction Ambient Single Pulse
Figure 42. MultiPowerSo-30 LSD Thermal Impedance Junction Ambient Single Pulse
0.1
1
10
100
0.001
0.01
0.1
1
1 0
10 0
100 0
ti m e ( se c )
16 cm2
Footprint
8 cm2
4 cm
2
16 cm2
Footprint
8 cm
2
4 cm2
ZthHS
ZthHSLS
0. 1
1
10
10 0
0. 001
0. 01
0. 1
1
10
100
1 000
ti m e ( s e c )
16 cm2
Footprint
8 cm2
4 cm2
16 cm2
Footprint
8 cm2
4 cm2
ZthLS
ZthLSLS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com