Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNH2SP30-E Datasheet(PDF) 18 Page - STMicroelectronics

Part # VNH2SP30-E
Description  AUTOMOTIVE FULLY INTEGRATED H-BRIDGE MOTOR DRIVER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNH2SP30-E Datasheet(HTML) 18 Page - STMicroelectronics

Back Button VNH2SP30-E Datasheet HTML 14Page - STMicroelectronics VNH2SP30-E Datasheet HTML 15Page - STMicroelectronics VNH2SP30-E Datasheet HTML 16Page - STMicroelectronics VNH2SP30-E Datasheet HTML 17Page - STMicroelectronics VNH2SP30-E Datasheet HTML 18Page - STMicroelectronics VNH2SP30-E Datasheet HTML 19Page - STMicroelectronics VNH2SP30-E Datasheet HTML 20Page - STMicroelectronics VNH2SP30-E Datasheet HTML 21Page - STMicroelectronics VNH2SP30-E Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
VNH2SP30-E
18/26
Figure 32. On State High Side Resistance Vs.
Tcase
Figure 33. Turn-on Delay Time
Figure 34. Output Voltage Rise Time
Figure 35. On State Low Side Resistance Vs.
Tcase
Figure 36. Turn-off Delay Time
Figure 37. Output Voltage Fall Time
-50
-25
0
25
50
75
100
125
150
175
Tc (°C)
0
5
10
15
20
25
30
35
40
Ronhs (mOhm)
Vcc=9V; 16V
Iout=15A
-50
-25
0
25
50
75
100
125
150
175
Tc (°C)
60
80
100
120
140
160
180
200
220
240
260
td(on) (µs)
-50
-25
0
25
50
75
100
125
150
175
Tc (°C)
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
tr (µs)
-50
-25
0
25
50
75
100
125
150
175
Tc (ºC)
0
5
10
15
20
25
30
35
40
Ronls (mOhm)
Iload=12A
Vcc=9V; 13V; 18V
-50
-25
0
25
50
75
100
125
150
175
Tc (°C)
100
110
120
130
140
150
160
170
180
190
200
td(off) (µs)
-50
-25
0
25
50
75
100
125
150
175
Tc (°C)
0
1
2
3
4
5
6
7
8
tf (µs)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com