Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5273BRJ1-R2 Datasheet(PDF) 8 Page - Analog Devices

Part # AD5273BRJ1-R2
Description  64-Position OTP Digital Potentiometer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5273BRJ1-R2 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD5273BRJ1-R2 Datasheet HTML 4Page - Analog Devices AD5273BRJ1-R2 Datasheet HTML 5Page - Analog Devices AD5273BRJ1-R2 Datasheet HTML 6Page - Analog Devices AD5273BRJ1-R2 Datasheet HTML 7Page - Analog Devices AD5273BRJ1-R2 Datasheet HTML 8Page - Analog Devices AD5273BRJ1-R2 Datasheet HTML 9Page - Analog Devices AD5273BRJ1-R2 Datasheet HTML 10Page - Analog Devices AD5273BRJ1-R2 Datasheet HTML 11Page - Analog Devices AD5273BRJ1-R2 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
AD5273
–8–
CODE – Decimal
500
–300
064
8
16
24
32
40
48
56
400
100
0
–100
–200
300
200
1k
10k
100k
50k
VDD = 5.5V
TA = 25 C
TPC 13. Rheostat Mode Tempco
RWB/ T vs. Code
CODE – Decimal
40
–40
064
8
16
24
32
40
48
56
30
0
–10
–20
–30
20
10
1k
10k
10k
10k
VDD = 5.5V
TPC 14. Potentiometer Mode Tempco
VWB/ T vs. Code
100
1M
1k
10k
100k
3FH
10M
20H
10H
08H
04H
02H
01H
00H
FREQUENCY – Hz
0
–6
–12
–18
–24
–30
–36
–54
–42
–48
TPC 15. Gain vs. Frequency vs. Code, RAB = 1 k
100
1M
1k
10k
100k
3FH
20H
10H
08H
04H
02H
01H
00H
FREQUENCY – Hz
0
–6
–12
–18
–24
–30
–36
–54
–42
–48
TPC 16. Gain vs. Frequency vs. Code, RAB = 10 k
100
1M
1k
10k
100k
3FH
20H
10H
08H
04H
02H
01H
00H
FREQUENCY – Hz
0
–6
–12
–18
–24
–30
–36
–54
–42
–48
TPC 17. Gain vs. Frequency vs. Code, RAB = 50 k
FREQUENCY – Hz
100
1M
1k
10k
100k
0
–6
–12
–18
–24
–30
–36
–54
3FH
20H
10H
08H
04H
02H
01H
00H
–42
–48
TPC 18. Gain vs. Frequency vs. Code, RAB = 100 k
REV. 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com