Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5273BRJ1-R2 Datasheet(PDF) 16 Page - Analog Devices

Part # AD5273BRJ1-R2
Description  64-Position OTP Digital Potentiometer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5273BRJ1-R2 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD5273BRJ1-R2 Datasheet HTML 12Page - Analog Devices AD5273BRJ1-R2 Datasheet HTML 13Page - Analog Devices AD5273BRJ1-R2 Datasheet HTML 14Page - Analog Devices AD5273BRJ1-R2 Datasheet HTML 15Page - Analog Devices AD5273BRJ1-R2 Datasheet HTML 16Page - Analog Devices AD5273BRJ1-R2 Datasheet HTML 17Page - Analog Devices AD5273BRJ1-R2 Datasheet HTML 18Page - Analog Devices AD5273BRJ1-R2 Datasheet HTML 19Page - Analog Devices AD5273BRJ1-R2 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
AD5273
–16–
FET N1. N1 power handling must be adequate to dissipate
(VIN –VOUT)
IL power. This circuit can source a maximum of
100 mA with a 5 V supply. For precision applications, a voltage
reference such as ADR421, ADR03, or ADR370 can be applied
at the A terminal of the digital potentiometer.
Programmable Current Source
A programmable current source can be implemented with the
circuit shown in Figure 15. The load current is simply the voltage
across terminals B-to-W of the AD5273 divided by RS. Notice
at zero-scale, the A terminal of the AD5273 will be at –2.048 V,
which makes the wiper voltage clamped at ground potential.
Dependent on the load, Equation 5 is therefore valid only at cer-
tain codes. For example, when the compliance voltage VL equals
half of the VREF, the current can be programmed from midscale
to full-scale of the AD5273.
IL
GND
VIN
2U1
+5V
4
6
3
SLEEP
0 TO (2.048 + VL)
VOUT
REF191
C1
1 F
B
A
W
RS 102
100
RL
VL
–2.048 + VL
–5V
OP1177
+5V
V+
V–
U2
U3
AD5273
Figure 15. Programmable Current Source
I
VD
R
D
L
REF
S
=
¥
££
() / 64
32
63
(5)
Gain Control Compensation
As seen in Figure 16, the digital potentiometers are commonly
used in gain controls or sensor transimpedance amplifier signal
conditioning applications.
U1
C2
4.7pF
R2 A
B
W
100k
VO
VI
C1
R1
47k
Figure 16. Typical Noninverting Gain Amplifier
In both applications, one of the digital potentiometer terminals is
connected to the op amp inverting node with finite terminal capaci-
tance C1. It introduces a zero for the 1 o term with 20 dB/dec
whereas a typical op amp GBP has –20 dB/dec characteristics. A
large R2 and finite C1 can cause this zero’s frequency to fall well
below the crossover frequency. Thus the rate of closure becomes
40 dB/dec and the system has 0° phase margin at the crossover
frequency. The output may ring or in the worst case oscillate when
the input is a step function. Similarly, it is also likely to ring when
switching between two gain values because this is equivalent to a
step change at the input. To reduce the effect of C1, users should
also configure B or A rather than W terminal at the inverting node.
Depending on the op amp GBP, reducing the feedback resistor may
extend the zero’s frequency far enough to overcome the problem.
A better approach is to include a compensation capacitor C2 to
cancel the effect caused by C1. Optimum compensation occurs
when R1
C1 = R2
C2. This is not an option because of the
variation of R2. As a result, one may use the relationship above
and scale C2 as if R2 is at its maximum value. Doing so may
overcompensate by slowing down the settling time when R2 is
set at low values. As a result, C2 should be found empirically for
a given application. In general, C2 in the range of a few pF to no
more than a few tenths of a pF is adequate for the compensation.
There is also a W terminal capacitance connected to the output
(not shown); its effect on stability is less significant so that the
compensation may not be necessary unless the op amp is driving
a large capacitive load.
Programmable Low-Pass Filter
In A/D conversion applications, it is common to include an anti-
aliasing filter to band-limit the sampling signal.To minimize various
system redesigns, users may use two 1 k
AD5273s to construct a
generic second-order Sallen Key low-pass filter. Since the AD5273
is a single supply device, the input must be dc offset when an ac
signal is applied to avoid clipping at ground. This is illustrated in
Figure 17. The design equations are:
V
V
S
Q
S
O
I
O
O
O
=
++
w
w
w
2
2
2
(6)
w
O
R1R2C1C2
=
1
(7)
Q
R1C1
R2C2
=+
11
(8)
Users can first select some convenient values for the capacitors.
To achieve maximally flat bandwidth where Q = 0.707, let C1 be
twice the size of C2 and let R1 = R2. As a result, R1 and R2 can
be adjusted to the same setting to achieve the desirable bandwidth.
VO
AD8601
+2.5V
U1
–2.5V
V+
V–
C1
C
R1
R2
A
B
W
A
B
W C2
C
ADJUSTED TO
SAME SETTINGS
VI
Figure 17. Sallen Key Low-Pass Filter
Level Shift for Different Voltages Operation
When users need to interface a 2.5 V controller with the AD5273,
a proper voltage level shift must be employed so that the digital
potentiometer can be read from or written to the controller;
Figure 18 shows one of the implementations. M1 and M2 should
be low threshold N-Ch Power MOSFETs such as FDV301N.
REV. 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com