Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5273BRJ1-R2 Datasheet(PDF) 17 Page - Analog Devices

Part # AD5273BRJ1-R2
Description  64-Position OTP Digital Potentiometer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5273BRJ1-R2 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD5273BRJ1-R2 Datasheet HTML 12Page - Analog Devices AD5273BRJ1-R2 Datasheet HTML 13Page - Analog Devices AD5273BRJ1-R2 Datasheet HTML 14Page - Analog Devices AD5273BRJ1-R2 Datasheet HTML 15Page - Analog Devices AD5273BRJ1-R2 Datasheet HTML 16Page - Analog Devices AD5273BRJ1-R2 Datasheet HTML 17Page - Analog Devices AD5273BRJ1-R2 Datasheet HTML 18Page - Analog Devices AD5273BRJ1-R2 Datasheet HTML 19Page - Analog Devices AD5273BRJ1-R2 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
AD5273
–17–
2.5V
CONTROLLER
2.7V–5.5V
AD5273
Rp
Rp
Rp
Rp
VDD1 = 2.5V
VDD2 = 5V
G
G
S
D
M1
S
D
M2
SDA1
SCL1
SDA2
SCL2
Figure 18. Level Shift for Different Voltage Operation
Resistance Scaling
The AD5273 offers 1 k , 10 k , 50 k , and 100 k
nominal
resistances. For users who need to optimize the resolution with
an arbitrary full-range resistance, the following techniques can
be the solutions. Applicable only to the voltage divider mode, by
paralleling a discrete resistor as shown in Figure 19, a propor-
tionately lower voltage appears at terminal A–B. This translates
into a finer degree of precision because the step size at terminal
W will be smaller. The voltage can be found as:
VD
RR
RR
R
D
V
W
AB
AB
DD
() = ()
+
¥¥
//
//
2
32
256
(9)
R1
R2
B
A
VDD
R3
W
Figure 19. Lowering the Nominal Resistance
Figure 19 shows that the digital potentiometer changes steps lin-
early. On the other hand, log taper adjustment is usually preferred in
applications like volume control. Figure 20 shows another way of
resistance scaling. In this circuit, the smaller the R2 with respect
to RAB, the more the pseudo log taper characteristic it behaves.
The wiper voltage is simply:
VD
RD
R
RD
RD
R
V
W
WB
WA
WB
I
() =
()
()+ ()
¥
//
//
2
2
(10)
VI
R1
B
A
R2
VO
W
Figure 20. Resistor Scaling with Log Adjustment
Characteristics
Resolution Enhancement
Borrowed from ADI’s patented RDAC segmentation technique,
users can configure three AD5273s to double the resolution. (See
Figure 21.) First, U3 must be paralleled with a discrete resistor
RP that is chosen to be equal to a step resistance (RP = RAB/64).We
may see that adjusting U1 and U2 together forms the coarse 6-bit
adjustment and adjusting U3 alone forms the finer 6-bit adjust-
ment. As a result, the effective resolution becomes 12-bit.
U1
A1
B1
W1
U2
A2
B2
W3
W2
U3
A3
B3
RP
COARSE
ADJUSTMENT
FINE
ADJUSTMENT
Figure 21. Double the Resolution in Rheostat Mode Operation
RDAC CIRCUIT SIMULATION MODEL
The internal parasitic capacitances and the external capacitive
loads dominate the ac characteristics of the digital potentiometers.
Configured as a potentiometer divider, the –3 dB bandwidth of
the AD5273 (1 k
resistor) measures 6 MHz at half scale. TPCs
15–18 provide the large signal BODE plot characteristics of the
four available resistor versions 1 k , 10 k , 50 k , and 100 k .
Figure 22 shows a parasitic simulation model. The code following
Figure 22 provides a macro model net list for the 1 k
device:
55pF
CA
25pF
CB
25pF
A
B
1k
W
CW
Figure 22. Circuit Simulation Model for RDAC = 1 k
Macro Model Net List for RDAC
.PARAM D = 63, RDAC = 1E3
*
.SUBCKT DPOT (A,W,B)
*
CA
A
0
25E-12
RWA
A
W
{(1-D/63)*RDAC+60}
CW
W
0
55E-12
RWB
W
B
{D/63*RDAC+60}
CB
B
0
25E-12
*
.ENDS DPOT
REV. 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com