Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5273BRJ10-R2 Datasheet(PDF) 6 Page - Analog Devices

Part # AD5273BRJ10-R2
Description  64-Position OTP Digital Potentiometer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5273BRJ10-R2 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD5273BRJ10-R2 Datasheet HTML 2Page - Analog Devices AD5273BRJ10-R2 Datasheet HTML 3Page - Analog Devices AD5273BRJ10-R2 Datasheet HTML 4Page - Analog Devices AD5273BRJ10-R2 Datasheet HTML 5Page - Analog Devices AD5273BRJ10-R2 Datasheet HTML 6Page - Analog Devices AD5273BRJ10-R2 Datasheet HTML 7Page - Analog Devices AD5273BRJ10-R2 Datasheet HTML 8Page - Analog Devices AD5273BRJ10-R2 Datasheet HTML 9Page - Analog Devices AD5273BRJ10-R2 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
–6–
AD5273–Typical Performance Characteristics
VDD = 5V
VDD = 3V
CODE – Decimal
0.5
0.3
–0.5
064
8
16
24
32
40
48
56
0.1
–0.1
–0.3
RAB = 10k
TA = 25 C
TPC 1. RINL vs. Code vs. Supply Voltages
VDD = 3V
VDD = 5V
CODE – Decimal
0.25
0.15
–0.25
064
8
16
24
32
40
48
56
0.05
–0.05
–0.15
RAB = 10k
TA = 25 C
TPC 2. RDNL vs. Code vs. Supply Voltages
TA = +85 C
CODE – Decimal
0.10
0.06
–0.10
064
8
16
24
32
40
48
56
0.02
–0.02
–0.06
RAB = 10k
TA = –40 C
TA = +125 C
TA = +25 C
TPC 3. INL vs. Code vs. Temperature
TA = +85 C
CODE – Decimal
0.10
0.06
–0.10
064
8
16
24
32
40
48
56
0.02
–0.02
–0.06
RAB = 10k
TA = –40 C
TA = +125 C
TA = +25 C
TPC 4. DNL vs. Code vs. Temperature
CODE – Decimal
0.10
0.06
–0.10
064
8
16
24
32
40
48
56
0.02
–0.02
–0.06
RAB = 10k
TA = 25 C
3V
5V
TPC 5. INL vs. Code vs. Supply Voltages
CODE – Decimal
0.10
0.06
064
8
16
24
32
40
48
56
0.02
–0.02
–0.06
RAB = 10k
TA = 25 C
3V
5V
–0.10
TPC 6. DNL vs. Code vs. Supply Voltages
REV. 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com