Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5273BRJ10-R2 Datasheet(PDF) 9 Page - Analog Devices

Part # AD5273BRJ10-R2
Description  64-Position OTP Digital Potentiometer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5273BRJ10-R2 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD5273BRJ10-R2 Datasheet HTML 5Page - Analog Devices AD5273BRJ10-R2 Datasheet HTML 6Page - Analog Devices AD5273BRJ10-R2 Datasheet HTML 7Page - Analog Devices AD5273BRJ10-R2 Datasheet HTML 8Page - Analog Devices AD5273BRJ10-R2 Datasheet HTML 9Page - Analog Devices AD5273BRJ10-R2 Datasheet HTML 10Page - Analog Devices AD5273BRJ10-R2 Datasheet HTML 11Page - Analog Devices AD5273BRJ10-R2 Datasheet HTML 12Page - Analog Devices AD5273BRJ10-R2 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
AD5273
–9–
12
–48
10M
100
1k
10k
100k
1M
6
–12
–30
–36
–42
0
–6
–18
–24
100k
50k
10k
1k
FREQUENCY – Hz
TPC 19. –3 dB Bandwidth
0.3
–0.7
10
10M
100
1k
10k
100k
1M
0.2
–0.1
–0.4
–0.5
–0.6
0.1
0
–0.2
–0.3
100k
50k
10k
1k
FREQUENCY – Hz
TPC 20. Normalized Gain Flatness vs. Frequency
FREQUENCY – Hz
80
40
100
1M
1k
10k
100k
60
20
0
TA = 25 C
CODE = 20H
VA = 2.5V,VB = 0V
VDD = 5V DC 1.0V p-p AC
VDD = 3V DC 0.6V p-p AC
TPC 21. PSRR vs. Frequency
10mV
5V
500ns
SCL = 5V/DIV
VW = 10mV/DIV
VDD = 5.5V
VA = 5.5V
VB = GND
f
CLK = 100kHz
TPC 22. Digital Feedthrough vs. Time
SCL = 5V/DIV
VW = 5V/DIV
VDD = 5.5V
VA = 5.5V
VB = GND
f
CLK = 400kHz
DATA 00H
3FH
5V
5V
5 s
TPC 23. Large Settling Time
SCL = 5V/DIV
VW = 50mV/DIV
VDD = 5.5V
VA = 5.5V
VB = GND
f
CLK = 100kHz
DATA 20H
1FH
5V
50mV
200ns
TPC 24. Midscale Glitch Energy
REV. 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com