Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5273BRJ10-R2 Datasheet(PDF) 7 Page - Analog Devices

Part # AD5273BRJ10-R2
Description  64-Position OTP Digital Potentiometer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5273BRJ10-R2 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD5273BRJ10-R2 Datasheet HTML 3Page - Analog Devices AD5273BRJ10-R2 Datasheet HTML 4Page - Analog Devices AD5273BRJ10-R2 Datasheet HTML 5Page - Analog Devices AD5273BRJ10-R2 Datasheet HTML 6Page - Analog Devices AD5273BRJ10-R2 Datasheet HTML 7Page - Analog Devices AD5273BRJ10-R2 Datasheet HTML 8Page - Analog Devices AD5273BRJ10-R2 Datasheet HTML 9Page - Analog Devices AD5273BRJ10-R2 Datasheet HTML 10Page - Analog Devices AD5273BRJ10-R2 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
AD5273
–7–
SUPPLY VOLTAGE – V
0.025
0.020
0
06
1
2345
0.015
0.010
0.005
TA = 25 C
RAB = 10k
CODE = 20H
TPC 7. INL Oversupply Voltage
SUPPLY VOLTAGE – V
0.4
0.3
–0.1
06.0
1.0
2.0
3.0
4.0
5.0
0.2
0.1
0
TA = 25 C
RAB = 10k
CODE = 20H
TPC 8. RINL Oversupply Voltage
TEMPERATURE – C
0
–1.0
–40
100
–20
020
4060
80
–0.1
–0.6
–0.7
–0.8
–0.9
–0.3
–0.5
–0.2
–0.4
VDD = 5V
RAB = 10k
VDD = 3V
TPC 9. Full-Scale Error
TEMPERATURE – C
1.0
0
–40
100
–20
020
4060
80
0.9
0.4
0.3
0.2
0.1
0.7
0.5
0.8
0.6
VDD = 5V
RAB = 10k
VDD = 3V
TPC 10. Zero-Scale Error
TEMPERATURE – C
0.16
0.04
–55
115
–35
–15
5
25
456585
105
0.14
0.12
0.10
0.08
0.06
VDD = 5.5V
RAB = 10k
TPC 11. Supply Current vs. Temperature
INPUT LOGIC VOLTAGE – V
10
06
12
3
4
5
1
0.01
0.001
0.0001
0.1
TA = 25 C
RAB = 10k
ALL DIGITAL
PINS TIED
TOGETHER
VDD = 5V
VDD = 2.7V
TPC 12. Supply Current vs. Digital Input Voltage
REV. 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com