Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF89XA Datasheet(PDF) 21 Page - Microchip Technology

Part # MRF89XA
Description  Ultra Low-Power, Integrated ISM BandSub-GHz Transceiver
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF89XA Datasheet(HTML) 21 Page - Microchip Technology

Back Button MRF89XA Datasheet HTML 17Page - Microchip Technology MRF89XA Datasheet HTML 18Page - Microchip Technology MRF89XA Datasheet HTML 19Page - Microchip Technology MRF89XA Datasheet HTML 20Page - Microchip Technology MRF89XA Datasheet HTML 21Page - Microchip Technology MRF89XA Datasheet HTML 22Page - Microchip Technology MRF89XA Datasheet HTML 23Page - Microchip Technology MRF89XA Datasheet HTML 24Page - Microchip Technology MRF89XA Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 140 page
background image
 2010-2017 Microchip Technology Inc.
Preliminary
DS70000622D-page 21
MRF89XA
2.10
Receiver
The receiver is based on a superheterodyne
architecture and comprises the following major blocks:
• An LNA that provides a low-noise RF gain fol-
lowed by an RF band-pass filter.
• A first mixer, which down-converts the RF signal
to an intermediate frequency equal to one-ninth of
the carrier frequency (frf 100 MHz for 915 MHz
signals).
• A variable gain first-IF preamplifier followed by
two second mixers, which down-convert the first
IF signal to I and Q signals at a low frequency
(zero-IF for FSK, low-IF for OOK).
• A two-stage IF filter followed by an amplifier chain
is available for both I and Q channels. Limiters at
the end of each chain drive the I and Q inputs to
the FSK demodulator function. An RSSI signal is
also derived from the I and Q IF amplifiers to drive
the OOK detector. The second filter stage in each
channel can be configured as either a third-order
Butterworth low-pass filter for FSK operation or an
image reject polyphase band-pass filter for OOK
operation.
• An FSK arctangent type demodulator driven from
the I and Q limiter outputs, and an OOK demodu-
lator driven by the RSSI signal. Either detector
can drive a data and clock recovery function that
provides matched filter enhancement of the
demodulated data.
2.10.1
RECEIVER ARCHITECTURE
Figure 2-8 illustrates the receiver architecture block
diagram. The first IF is one-ninth of the RF frequency
(approximately
100 MHz).
The
second
down-
conversion down-converts the I and Q signals to
baseband in the case of the FSK receiver (zero-IF) and
to a low-IF (IF2) for the OOK receiver.
After the second down-conversion stage, the received
signal is channel-select filtered and amplified to a level
adequate for demodulation. Both FSK and OOK
demodulation are available. Finally, an optional bit
synchronizer (BitSync) is provided to supply a
synchronous clock and data stream to a companion
microcontroller in Continuous mode, or to fill the FIFO
buffers with glitch-free data in Buffered mode.
FIGURE 2-8:
RECEIVER ARCHITECTURE BLOCK DIAGRAM
Note:
Image rejection is achieved using a SAW
filter on the RF input.
FSK
Demod
BitSync
OOK
Demod
Control Logic
- Pattern Recognition
- FIFO Handler
- SPI Interface
- Packet Handler
RSSI
LO1 RX
LO2 RX
LNA
Baseband, IF2 in OOK
IF1
RF
First
down-conversion
Second
down-conversion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com