Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF89XA Datasheet(PDF) 13 Page - Microchip Technology

Part # MRF89XA
Description  Ultra Low-Power, Integrated ISM BandSub-GHz Transceiver
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF89XA Datasheet(HTML) 13 Page - Microchip Technology

Back Button MRF89XA Datasheet HTML 9Page - Microchip Technology MRF89XA Datasheet HTML 10Page - Microchip Technology MRF89XA Datasheet HTML 11Page - Microchip Technology MRF89XA Datasheet HTML 12Page - Microchip Technology MRF89XA Datasheet HTML 13Page - Microchip Technology MRF89XA Datasheet HTML 14Page - Microchip Technology MRF89XA Datasheet HTML 15Page - Microchip Technology MRF89XA Datasheet HTML 16Page - Microchip Technology MRF89XA Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 140 page
background image
 2010-2017 Microchip Technology Inc.
Preliminary
DS70000622D-page 13
MRF89XA
TABLE 2-1:
PIN DESCRIPTIONS
Pin
Number
Pin Name
Pin Type
Description
1
TEST5
Digital I/O
Test Pin. Connected to Ground during normal operation.
2
TEST1
Digital I/O
Test Pin. Connected to Ground during normal operation.
3
VCORS
Analog Output Regulated voltage supply of the VCO (0.85V).
4
VCOTN
Analog I/O
VCO tank.
5
VCOTP
Analog I/O
VCO tank.
6
PLLN
Analog I/O
PLL loop filter.
7
PLLP
Analog I/O
PLL loop filter.
8
TEST6
Digital I/O
Test Pin. Connected to Ground during normal operation.
9
TEST7
Digital I/O
Test Pin. Connected to Ground during normal operation.
10
OSC1
Analog Input Crystal connection.
11
OSC2
Analog Input Crystal connection.
12
TEST0
Digital Input
Test Pin. Connected to Ground during normal operation.
13
TEST8
Digital I/O
Test Pin. Allow pin to float; do not connect signal during normal
operation.
14
CSCON
Digital Input
SPI Configure Chip Select.
15
CSDAT
Digital Input
SPI Data Chip Select.
16
SDO
Digital Output Serial data output interface from MRF89XA.
17
SDI
Digital Input
Serial data input interface to MRF89XA.
18
SCK
Digital Input
Serial clock interface.
19
CLKOUT
Digital Output Clock output. Output clock at reference frequency divided by a pro-
grammable factor. Refer to the Clock Output Control Register
(Register 2-28) for more information.
20
DATA
Digital I/O
NRZ data input and output (Continuous mode).
21
IRQ0
Digital Output Interrupt request output.
22
IRQ1
Digital Output Interrupt request output.
23
PLOCK
Digital Output PLL lock detection output. Refer to the FIFO Transmit PLL and RSSI
Interrupt Request Configuration Register (Register 2-15) for more
information.
24
TEST2
Digital I/O
Test Pin. Connected to Ground during normal operation.
25
TEST3
Digital I/O
Test Pin. Connected to Ground during normal operation.
26
VDD
Power
Supply voltage.
27
AVRS
Analog Output Regulated supply of the analog circuitry (1.0V).
28
DVRS
Analog Output Regulated supply of the digital circuitry (1.0V).
29
PARS
Analog Output Regulated supply of the PA (1.8V).
30
TEST4
Digital I/O
Test Pin. Connected to Ground during normal operation.
31
RFIO
Analog I/O
RF input/output (for more information, see Section 2.3, RFIO Pin).
32
NC
—
No Connection. Connected to Ground during normal operation.
33
Vss
Ground
Exposed Pad. Connected to Ground during normal operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com