Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF89XA Datasheet(PDF) 40 Page - Microchip Technology

Part # MRF89XA
Description  Ultra Low-Power, Integrated ISM BandSub-GHz Transceiver
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF89XA Datasheet(HTML) 40 Page - Microchip Technology

Back Button MRF89XA Datasheet HTML 36Page - Microchip Technology MRF89XA Datasheet HTML 37Page - Microchip Technology MRF89XA Datasheet HTML 38Page - Microchip Technology MRF89XA Datasheet HTML 39Page - Microchip Technology MRF89XA Datasheet HTML 40Page - Microchip Technology MRF89XA Datasheet HTML 41Page - Microchip Technology MRF89XA Datasheet HTML 42Page - Microchip Technology MRF89XA Datasheet HTML 43Page - Microchip Technology MRF89XA Datasheet HTML 44Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 140 page
background image
MRF89XA
DS70000622D-page 40
Preliminary
 2010-2017 Microchip Technology Inc.
2.15.2
FIFO TRANSMIT PLL AND RSSI INTERRUPT REQUEST CONFIGURATION REGISTER
DETAILS
REGISTER 2-15:
FTPRIREG: FIFO TRANSMIT PLL AND RSSI INTERRUPT REQUEST
CONFIGURATION REGISTER (ADDRESS:0x0E) (POR:0x01)
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-1
FIFOFM
FIFOFSC
TXDONE
IRQ0TXST
ENRIRQS
RIRQS
LSTSPLL
LENPLL
bit 7
bit 0
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
r = Reserved
bit 7
FIFOFM: FIFO Filling Method bits
This bit decides the method of filling the FIFO (supports Buffered mode only).
1 = Manually controlled by FIFO fill
0 = Automatically starts when a Sync Word is detected (default)
bit 6
FIFOFSC: FIFO Filling Status or Control bits
This bit indicates the status of FIFO filling and also controls the filling up of the FIFO
(supports Buffered mode only).
STATUS: Reading (FIFOFM = 0)
1 = FIFO getting filled ( Sync Word has been detected)
0 = FIFO filling completed/stopped
CONTROL: Writing (FIFOFM = 1), clears the bit and waits for a new Sync Word (FOVRCLR = 0)
1 = Start filling the FIFO
0 = Stop filling the FIFO
bit 5
TXDONE: Transmit Done bit
This bit selects TXDONE as the corresponding IRQ source.
1 = TXDONE (goes high when the last bit has left the shift register)
0 = TX still in process
bit 4
IRQ0TXST: Transmit Start with IRQ0 bit
This bit indicates transmit start condition with IRQ0 as source.
If DMODE1:DMODE0 = 01  Buffered Mode:
1 = Transmit starts if FIFO is not empty, IRQ0 mapped to FIFOEMPTY
0 = Transmit starts if FIFO is full, IRQ0 mapped to FIFOEMPTY (default)
If DMODE1:DMODE0 = 1x  Packet Mode:
1 = Transmit starts if FIFO is not empty, IRQ0 mapped to FIFOEMPTY
0 = Start transmission when the number of bytes in the FIFO is greater than or equal to the threshold
set by the FTINT<5:0> bits (FIFOCREG<5:0), IRQ0 mapped to FIFO_THRESHOLD
bit 3
ENRIRQS: Enables RSSI IRQ source
1 = Set bit to ‘1’ (Required. It can be enabled at any time, and the user can choose to map this interrupt
to IRQ0/IRQ1 or not.)
0 = Reserved (Default. Setting this bit to ‘0’ disables the RSSI IRQ source.)
bit 2
RIRQS: RSSI IRQ Source
This bit indicates IRQ source as RSSI.
1 = Detected signal is above the value determined by the RTIVAL<7:0> bits (RSTHIREG<7:0>).
0 = Detected signal is less than the value determined by the RTIVAL<7:0> bits (RSTHIREG<7:0>).
Writing a ‘1’ for this bit clears RIRQS.
bit 1
LSTSPLL: Lock Status of PLL bit
1 = PLL locked (lock detected)
0 = PLL not locked
Writing a ‘1’ for this bit clears LSTSPLL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com