Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BGO807/FC0 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BGO807/FC0
Description  870 MHz optical receivers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BGO807/FC0 Datasheet(HTML) 4 Page - NXP Semiconductors

  BGO807/FC0 Datasheet HTML 1Page - NXP Semiconductors BGO807/FC0 Datasheet HTML 2Page - NXP Semiconductors BGO807/FC0 Datasheet HTML 3Page - NXP Semiconductors BGO807/FC0 Datasheet HTML 4Page - NXP Semiconductors BGO807/FC0 Datasheet HTML 5Page - NXP Semiconductors BGO807/FC0 Datasheet HTML 6Page - NXP Semiconductors BGO807/FC0 Datasheet HTML 7Page - NXP Semiconductors BGO807/FC0 Datasheet HTML 8Page - NXP Semiconductors BGO807/FC0 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
9397 750 13192
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 01 — 7 July 2004
4 of 10
Philips Semiconductors
BGO807/BGO807/FC0/SC0
870 MHz optical receivers
[1]
Two laser test; each laser with a modulation index of 40%; Popt = 1 mW (total).
[2]
fm = 446.5 MHz; fp = 97.25 MHz; fq = 349.25 MHz.
[3]
fm = 746.5 MHz; fp = 133.25 MHz; fq = 613.25 MHz.
[4]
fm = 854.5 MHz; fp = 133.25 MHz; fq = 721.25 MHz.
[5]
Three laser test; each laser with a modulation index of 60%; Popt = 1 mW (total).
[6]
fm = 853.25 MHz; fp = 133.25 MHz; fq = 265.25 MHz; fr = 721.25 MHz.
F
equivalent noise input
f = 40 MHz to 450 MHz
-
-
7
pA/
√Hz
f = 450 MHz to 750 MHz
-
-
8
pA/
√Hz
f = 750 MHz to 870 MHz
-
-
8.5
pA/
√Hz
sλ
spectral sensitivity
λ = 1310 ±20 nm
0.85
-
-
A/W
λ = 1550 ±20 nm
0.9
-
-
A/W
λ
optical wavelength
1290
-
1600
nm
L
length of optical fiber; SM type;
9/125
µm
BGO807
1
-
-
m
BGO807/FC0; BGO807/SC0
746
-
861
mm
Itot
total current consumption (DC)
175
-
205
mA
Ibias
diode bias current at pin 4 (DC)
-
-
25
mA
Table 5:
Characteristics …continued
In accordance with the Absolute Maximum Rating System (IEC 60134); bandwidth 40 MHz to 870 MHz; VB = 24 V;
Tmb =30 °C; ZL = 75 Ω.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Fig 4.
Monitor current pin.
mlb151
10 k
Ω
1 k
Ω
Pin 1
photo
current



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com