Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BGO807/FC0 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BGO807/FC0
Description  870 MHz optical receivers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BGO807/FC0 Datasheet(HTML) 3 Page - NXP Semiconductors

  BGO807/FC0 Datasheet HTML 1Page - NXP Semiconductors BGO807/FC0 Datasheet HTML 2Page - NXP Semiconductors BGO807/FC0 Datasheet HTML 3Page - NXP Semiconductors BGO807/FC0 Datasheet HTML 4Page - NXP Semiconductors BGO807/FC0 Datasheet HTML 5Page - NXP Semiconductors BGO807/FC0 Datasheet HTML 6Page - NXP Semiconductors BGO807/FC0 Datasheet HTML 7Page - NXP Semiconductors BGO807/FC0 Datasheet HTML 8Page - NXP Semiconductors BGO807/FC0 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
9397 750 13192
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 01 — 7 July 2004
3 of 10
Philips Semiconductors
BGO807/BGO807/FC0/SC0
870 MHz optical receivers
3.
Ordering information
4.
Limiting values
5.
Characteristics
Table 3:
Ordering information
Type number
Package
Name
Description
Version
BGO807
-
rectangular single-ended package; aluminium flange; 2 vertical mounting holes; 2
×
6-32 UNC and 2 extra horizontal mounting holes; optical input; 8 gold-plated in-line
leads
SOT115T
BGO807/FC0
-
rectangular single-ended package; aluminium flange; 2 vertical mounting holes; 2
×
6-32 UNC and 2 extra horizontal mounting holes; optical input with connector;
8 gold-plated in-line leads
SOT115X
BGO807/SC0
-
rectangular single-ended package; aluminium flange; 2 vertical mounting holes; 2
×
6-32 UNC and 2 extra horizontal mounting holes; optical input with connector;
8 gold-plated in-line leads
SOT115Y
Table 4:
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
f
frequency range
40
870
MHz
Tstg
storage temperature
−40
+85
°C
Tmb
operating mounting base
temperature
−20
+85
°C
Pin
optical input power
continuous
-
5
mW
ESD
ESD sensitivity
human body model;
R = 1.5 k
Ω; C = 100 pF
500
-
V
Table 5:
Characteristics
In accordance with the Absolute Maximum Rating System (IEC 60134); bandwidth 40 MHz to 870 MHz; VB = 24 V;
Tmb =30 °C; ZL = 75 Ω.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
S
responsivity
BGO807
λ = 1300 nm
800
-
-
V/W
BGO807/FC0; BGO807/SC0
λ = 1300 nm
750
-
-
V/W
FL
flatness straight line (peak to
valley)
f = 40 MHz to 870 MHz
-
-
1
dB
SL
slope straight line
f = 40 MHz to 870 MHz
0
-
2
dB
s22
output return losses
f = 40 MHz to 870 MHz
11
-
-
dB
optical input return losses
45
-
-
dB
d2
second order distortion
fm = 446.5 MHz
[1] [2]
--
−66
dB
fm = 746.5 MHz
[1] [3]
--
−61
dB
fm = 854.5 MHz
[1] [4]
--
−55
dB
d3
third order distortion
fm = 853.25 MHz
[5] [6]
--
−71
dB



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com