Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BGO807/FC0 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BGO807/FC0
Description  870 MHz optical receivers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BGO807/FC0 Datasheet(HTML) 2 Page - NXP Semiconductors

  BGO807/FC0 Datasheet HTML 1Page - NXP Semiconductors BGO807/FC0 Datasheet HTML 2Page - NXP Semiconductors BGO807/FC0 Datasheet HTML 3Page - NXP Semiconductors BGO807/FC0 Datasheet HTML 4Page - NXP Semiconductors BGO807/FC0 Datasheet HTML 5Page - NXP Semiconductors BGO807/FC0 Datasheet HTML 6Page - NXP Semiconductors BGO807/FC0 Datasheet HTML 7Page - NXP Semiconductors BGO807/FC0 Datasheet HTML 8Page - NXP Semiconductors BGO807/FC0 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
9397 750 13192
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 01 — 7 July 2004
2 of 10
Philips Semiconductors
BGO807/BGO807/FC0/SC0
870 MHz optical receivers
1.4 Quick reference data
2.
Pinning information
Table 1:
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
f
frequency range
40
-
870
MHz
s22
output return losses
f = 40 MHz to 870 MHz
11
-
-
dB
optical input return losses
45
-
-
dB
d2
second order distortion
f = 854.5 MHz
-
-
−55
dB
F
equivalent noise input
f = 40 MHz to 870 MHz
-
-
8.5
pA/
√Hz
Itot
total current consumption
(DC)
VB = 24 V
175
-
205
mA
Table 2:
Pinning
Pin
Description
1
monitor current
2
common
3
common
4+VB of the photo diode
5+VB of the amplifier
7
common
8
common
9
output
Fig 1.
Simplified outline SOT115T.
(BGO807).
Fig 2.
Simplified outline SOT115X.
(BGO807/FC0).
Fig 3.
Simplified outline SOT115Y.
(BGO807/SC0).
7
8
9
2
3
4
5
1
Side view
mbk044
7
8
9
2
35
1
Side view
mbl040
4
7
8
9
24
35
1
Side view
mbl041



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com