Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM812 Datasheet(PDF) 2 Page - Alliance Semiconductor Corporation

Part # ASM812
Description  4 Pin P Voltage Supervisor with Manual Reset
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM812 Datasheet(HTML) 2 Page - Alliance Semiconductor Corporation

  ASM812 Datasheet HTML 1Page - Alliance Semiconductor Corporation ASM812 Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM812 Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM812 Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM812 Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM812 Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM812 Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM812 Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM812 Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2 of 10
Notice: The information in this document is subject to change without notice
4 Pin µP Voltage Supervisor with Manual Reset
ASM811, ASM812
October 2003
rev 1.0
Pin Diagram:
Block Diagram
Pin Description
Pin #
Pin
Name
Function
ASM811
ASM812
1
1
GND
Ground.
2
-
RESET
RESET is asserted LOW if VCC falls below VTH and remains LOW for TRST after VCC exceeds
the Threshold. In addition, RESET is active LOW as long as the manual reset is low.
-2
RESET
RESET is asserted HIGH if VCC falls below VTH and remains HIGH for TRST after VCC exceeds
the threshold. In addition, RESET is active HIGH as long as the manual reset is low.
33
MR
Manual Reset Input. A logic LOW on MR asserts reset. Reset remains active as long as MR is
LOW and for TMRST after MR returns HIGH. The active low input has an internal 20kΩ pull-up
resistor. The input should be left open if not used. It can be driven by TTL or CMOS logic or
shorted to ground by a switch.
44
VCC
Power supply input voltage (3.0V, 3.3V, 5.0V)
Detailed Description
A
proper
reset
input
enables
a
microprocessor
/
microcontroller to start in a known state. ASM811/812 assert
reset to prevent code execution errors during power-up, power-
down and brown-out conditions.
Reset Timing
The reset signal is asserted- LOW for the ASM811 and HIGH
for the ASM812- when the VCC supply voltage falls below the
threshold trip voltage and remains asserted for 140ms
minimum after the VCC has risen above the threshold.
Manual Reset (MR) Input
A logic low on MR assserts RESET LOW on the ASM811 and
RESET HIGH on the ASM812. MR is internally pulled high
through a 20k
Ω resistor and can be driven by TTL/CMOS gates
or with open collector/drain outputs. MR can be left open if not
used. MR may be connected to ground through a normally-
open momentary switch without an external debounce circuit.
A 0.1µF capacitor from MR to ground can be added for
additional noise immunity.
1
2
3
SOT143
ASM811
(ASM812)
GND
RESET
VCC
(RESET)
4
MR
+
-
RESET Generator
-
+
VCC
RESET
(RESET)
GND
ASM811
(ASM812)
4.38V
4.00V
3.08V
2.93V
2.63V
4.38V
4.63V
MR
20k
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com