Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM812 Datasheet(PDF) 6 Page - Alliance Semiconductor Corporation

Part # ASM812
Description  4 Pin P Voltage Supervisor with Manual Reset
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM812 Datasheet(HTML) 6 Page - Alliance Semiconductor Corporation

Back Button ASM812 Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM812 Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM812 Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM812 Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM812 Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM812 Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM812 Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM812 Datasheet HTML 9Page - Alliance Semiconductor Corporation ASM812 Datasheet HTML 10Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
ASM811, ASM812
6 of 10
Notice: The information in this document is subject to change without notice
4 Pin µP Voltage Supervisor with Manual Reset
October 2003
rev 1.0
MR Glitch Immunity
Note 3
100
ns
tMD
MR to RESET Propogation
Delay
Note 2
0.5
µs
VIH
MR Input Threshold
VCC > VTH (MAX),
ASM811/812L/M/J
2.3
V
VIL
0.8
VIH
MR Input Threshold
VCC > VTH (MAX),
ASM811/812R/S/T
0.77VCC
V
VIL
0.25VCC
MR Pullup Resistance
10
20
30
k
VOL
Low RESET Output Voltage
(ASM811)
VCC= VTH min., ISINK = 1.2mA,
ASM811R/S/T
0.3
0.4
0.3
V
VCC= VTH min., ISINK = 3.2mA,
ASM811L/M/J
VCC > 1.1V, ISINK = 50µA
VOH
High RESET Output Voltage
(ASM811)
VCC > VTH max., ISOURCE = 500µA,
ASM811R/S/T
0.8VCC
VCC - 1.5
V
VCC > VTH max., ISOURCE = 800µA,
ASM811L/M/J
VOL
Low RESET Output Voltage
(ASM812)
VCC= VTH max., ISINK = 1.2mA,
ASM812R/S/T
0.3
0.4
V
VCC= VTH max., ISINK = 3.2mA,
ASM812L/M/J
VOH
High RESET Output Voltage
(ASM812)
1.8V < VCC < VTH min., ISOURCE = 150µA
0.8VCC
V
TRST
Active Reset Timeout Period
VCC > VTH
140
240
msec
TMRST
Manual Active Reset Time-
out Period
MR returns HIGH
180
msec
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Notes:
1. Production testing done at TA = 25°C. Over-temperature specifications guaranteed by design only using six sigma design limits.
2. RESET output is active LOW for the ASM811 and RESET output is active HIGH for the ASM812.
3. Glitches of 100ns or less typically will not generate a reset pulse.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com