Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM812 Datasheet(PDF) 3 Page - Alliance Semiconductor Corporation

Part # ASM812
Description  4 Pin P Voltage Supervisor with Manual Reset
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM812 Datasheet(HTML) 3 Page - Alliance Semiconductor Corporation

  ASM812 Datasheet HTML 1Page - Alliance Semiconductor Corporation ASM812 Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM812 Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM812 Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM812 Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM812 Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM812 Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM812 Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM812 Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3 of 10
Notice: The information in this document is subject to change without notice
ASM811, ASM812
4 Pin µP Voltage Supervisor with Manual Reset
October 2003
rev 1.0
Reset Output Operation
In µP / µC systems it is important to have the processor and
the system begin operation from a known state. A reset
output to a processor is provided to prevent improper
operation during power supply sequencing or low voltage
brown-out conditions.
The ASM811/812 are designed to monitor the system power
supply voltages and issue a reset signal when the levels are
out of range. RESET outputs are guaranteed to be active for
VCC above 1.1V. When VCC exceeds the reset threshold, an
internal timer keeps RESET active for the reset timeout
period, after which RESET becomes inactive (HIGH for the
ASM811 and LOW for the ASM812). If VCC drops below the
reset threshold, RESET automatically becomes active.
Alternatively, external circuitry or an operator can initiate this
condition using the Manual Reset (MR) pin. MR can be left
open if it is not used. MR can be driven by TTL/CMOS logic
or even an external switch.
Valid Reset with VCC under 1.1V
To ensure logic inputs connected to the ASM811 RESET pin
are in a known state when VCC is under 1.1V, a 100kΩ pull-
down resistor at RESET is needed. The value is not critical.
A 100k
Ω pull-up resistor to VCC is needed with the ASM812.
Application Information
Negative VCC Transients
Typically short duration transients of 100mV amplitude and
20µs duration do not cause a false RESET. A 0.1µF capacitor
at VCC increses transient immunity.
Bidirectional Reset Pin Interfacing
The ASM811/812 can interface with µP / µC bi-directional
reset pins by connecting a 4.7k
Ω resistor in series with the
ASM811/812 reset output and the µP/µC bi-directional reset
input pin.
Power supply
BUF
Buffered
RESET
VCC
ASM811
GND
GND
RESET
RESET
Input
µC or µP
4.7kΩ
Bi-directional I/O Pin
Figure 4: Bi-directional Reset Pin Interface
MR
VCC
Power Supply
ASM811
RESET
GND
100kΩ
VCC
Power Supply
ASM812
RESET
GND
MR
MR
100kΩ
0V
5V
VCC
VTH
TRST
TMRST
5V
0V
5V
0V
5V
0V
MR
RESET
RESET
ASM811
ASM812
Figure 1: Reset Timing and Manual Reset (MR)
Figures 2 & 3: RESET valid with VCC under 1.1V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com