Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLP650LE Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # DLP650LE
Description  0.65 WXGA DMD
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLP650LE Datasheet(HTML) 16 Page - Texas Instruments

Back Button DLP650LE Datasheet HTML 12Page - Texas Instruments DLP650LE Datasheet HTML 13Page - Texas Instruments DLP650LE Datasheet HTML 14Page - Texas Instruments DLP650LE Datasheet HTML 15Page - Texas Instruments DLP650LE Datasheet HTML 16Page - Texas Instruments DLP650LE Datasheet HTML 17Page - Texas Instruments DLP650LE Datasheet HTML 18Page - Texas Instruments DLP650LE Datasheet HTML 19Page - Texas Instruments DLP650LE Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
!"#$%&'$(")*+%#&,($#)-&#(
./#&0(")*+%#&,($#)-&#(
16
DLP650LE
DLPS095 – NOVEMBER 2017
www.ti.com
Product Folder Links: DLP650LE
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
Single-pass through both surfaces and glass.
(2)
AOI – angle of incidence is the angle between an incident ray and the normal to a reflecting or refracting surface.
6.9 Window Characteristics
Table 2. DMD Window Characteristics
PARAMETER
MIN
NOM
MAX
UNIT
Window Material
Corning
Eagle XG
Window Refractive Index at 546.1 nm
1.5119
Window Transmittance, minimum within the wavelength range 420–680 nm.
Applies to all angles 0°–30° AOI. (1) (2)
97%
Window Transmittance, average over the wavelength range 420–680 nm.
Applies to all angles 30°–45° AOI. (1) (2)
97%
(1)
Uniformly distributed within area shown in Figure 7.
6.10 System Mounting Interface Loads
Table 3. System Mounting Interface Loads
PARAMETER
MIN
NOM
MAX
UNIT
Condition 1:
•
Thermal Interface area(1)
11.3
kg
•
Electrical Interface area(1)
11.3
kg
Condition 2:
•
Thermal Interface area(1)
0
kg
•
Electrical Interface area(1)
22.6
kg
Figure 7. System Mounting Interface Loads



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com