Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLP650LE Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # DLP650LE
Description  0.65 WXGA DMD
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLP650LE Datasheet(HTML) 26 Page - Texas Instruments

Back Button DLP650LE Datasheet HTML 22Page - Texas Instruments DLP650LE Datasheet HTML 23Page - Texas Instruments DLP650LE Datasheet HTML 24Page - Texas Instruments DLP650LE Datasheet HTML 25Page - Texas Instruments DLP650LE Datasheet HTML 26Page - Texas Instruments DLP650LE Datasheet HTML 27Page - Texas Instruments DLP650LE Datasheet HTML 28Page - Texas Instruments DLP650LE Datasheet HTML 29Page - Texas Instruments DLP650LE Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 38 page
background image
DLPC4422
Master ASIC
DLPA100
(ASIC Voltages)
JTAG
Flash
Input from
Front End
Board:
1280 × 800
I
2
C
23
16
DATA
ADDR
2 × LVDS (1280 × 800) 30-Bit
DAD control and SCP control
FE control
1.1 V
1.8 V
2.5 V
3.3 V
5 V
Colorwheel motor control
LED, laser, and lamp control
12 V
Control
signals
GPIO lines
DATA, 30-bit, 1280 × 800
Field, H/V-Sync, DE, CLK
DATA
(TTL)
USB 1.0, IR, I
2
C, SPI
DLP650LE
DMD
TPS65145
(DMD Voltages)
3.3 V
8.5 V
±10 V
16 V
To DMD
2 × LVDS (1280 × 800) 30-Bit
DAD control and SCP control
TMP411
Temperature
Sensor
(Optional)
I
2
C
DLP650LE
DLPS095 – NOVEMBER 2017
www.ti.com
26
Product Folder Links: DLP650LE
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Figure 11. Typical Display System



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com